Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AML11F Datasheet(PDF) 8 Page - Honeywell Solid State Electronics Center

Part # AML11F
Description  AML11 Solid state pushbutton switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AML11F Datasheet(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button AML11F Datasheet HTML 4Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 5Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 6Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 7Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 8Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 9Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 10Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 11Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 12Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Honeywell Sensing and Control AML/MML Selection Guide
AML27 Electronic control keylock switches ****
AML27 NON-LIGHTED ORDER GUIDE
Bezel
Color
B
Black
B
Terminal
Type
2
.110 x .020
(solder or
quick-connect)
3
.025 x .025
(printed circuit
or push-on)
2
Circuitry Codes
(each pole has
double throw)
Silver Contacts
AA
1-pole
AC
2-pole
Gold Contacts
BA
1-pole
BC
2-pole
AA
Housing
Type
AML27A
Square
housing
non-lighted
AML27A
Button
Color
K
Black
K
Key
Com-
binations
(Two keys
furnished)
BA
BB
BK
BC
BL
BD
BE
BS
BF
BW
BA
Operation Action
(key out in center position,
except where noted)
21
CCW
Center
CW
21
None
Maint.
Maint.
22*
None
Maint.
Maint.
23
None
Maint.
Mom.
24
Maint.
Maint.
Maint.
25
Mom.
Maint.
Mom.
26**
Maint.
Maint.
Maint.
27***
Mom.
Maint.
Maint.
28***
Maint.
Maint.
Maint.
29†
Maint.
Maint.
Maint.
30†
Maint.
Maint.
Mom.
31††
Maint.
Maint.
Mom.
*
Key out in both positions
**
Key out in all three positions
*** Key out in center and CW positions
†
Key out in center and CCW positions
†† Key out in CCW only
!
Key
Key
Catalog
Combi-
Code
Listing
nation
BA
110
30PA101-AML
BB
109
30PA102-AML
BD
107
30PA104-AML
BE
106
30PA105-AML
BS
117
30PA117-AML
BT
118
30PA118-AML
BV
119
30PA119-AML
BW
120
30PA120-AML
Note: These keys fit the 5-bit keylocks
in the Order Guide
Discount BE
Schedule Qty: 25 pieces/listing
Unclass.
REPLACEMENT KEYS
One key per listing
Five piece minimum order quantity for keys
!
Specify different key combinations to acquire different keys, i.e.:
AML27ABK2AA21BB and AML27ABK2AA21BE have different keys.
AML27ABK2AA21BB and AML27ABK3BC25BB have identical interchangeable keys.
28 and 29 operating actions should be used with key combinations BA or BB.
Example: AML27ABK2AA21BA Square housing; black bezel and button; .110 x .020 terminals;
2-pole double-throw; silver contacts; 3-position maintained and key code “BB”.
CP-7
Honeywell • Sensing and Control
Availability of options is subject to change without notice
**** NOTE: Contact Customer Service for minimum quantity required to establish or reinstate a catalog listing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com