Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AML11F Datasheet(PDF) 10 Page - Honeywell Solid State Electronics Center

Part # AML11F
Description  AML11 Solid state pushbutton switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AML11F Datasheet(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button AML11F Datasheet HTML 6Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 7Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 8Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 9Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 10Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 11Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 12Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 13Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 14Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Honeywell Sensing and Control AML/MML Selection Guide
AML33 Power duty paddle switches*
AML33 INCANDESCENT OR NON-LIGHTED DISPLAY ORDER GUIDE
Housing
Type
AML33E
Operator/
Bezel Color
B
Black/Black
B
Incandescent
Lamp Type
A
No lamp
installed
A
Terminal
Type
4
.187 x .020
(solder or
quick-connect)
4
Discount BE
Example:AML33EBA4AA01
Schedule Qty.: 25 pieces/listing
Rectangular, non-lighted device; black paddle and bezel; .187 x .020 terminals;
Unclass.
1-pole, Form A Single Throw; with one circuit ON in one extreme position and OFF
in the other.
* NOTE: Contact Customer Service for a minimum quantity required to establish or reinstate a catalog listing.
AML33E
Rectangular
non-lighted
AML33F
Rectangular
1 lamp ckt.
Circuitry
Codes
Silver Contacts
AA
1-pole
(one Form A
single-throw,
normally open)
AC
2-pole
(Two Form A)
AA
Operating
Action
01
Maint.
Maint.
ON
OFF
01
AML34 Power duty rocker switches*
AML34 INCANDESCENT OR NON-LIGHTED DISPLAY ORDER GUIDE
Housing
Type
AML34E
Bezel
Color
B
Black
B
Incandescent
Lamp Type
A
No lamp
installed
A
Terminal
Type
4
.187 x .020
(solder or
quick-connect)
4
Discount BE
Example:AML34EBA4AA01
Schedule Qty.: 25 pieces/listing
Rectangular, non-illuminated device; black paddle and bezel; .187 x .020 terminals;
Unclass.
1-pole, Form A single throw; with one circuit ON in one extreme position and OFF in the
other.
* NOTE: Contact Customer Service for a minimum quantity required to establish or reinstate a catalog listing.
AML34E
Rectangular
non-illum.
AML34F
Rectangular
1 lamp ckt.
Circuitry
Codes
Silver Contacts
AA
1-pole
(one Form A
single-throw,
normally open)
AC
2-pole
(Two Form A)
AA
Operating
Action
01
Maint.
Maint.
ON
OFF
01
CP-9
Honeywell • Sensing and Control
Availability of options is subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com