Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AML21GBA2AC Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # AML21GBA2AC
Description  Manual Switches Advanced Manual Line
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AML21GBA2AC Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  AML21GBA2AC Datasheet HTML 1Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 2Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 3Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 4Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 5Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 6Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 7Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 8Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Manual Switches
AML Series
Advanced Manual Line
18
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
FEATURES
Complete selection of pushbutton,
rocker and paddle (toggle type)
switches accommodates different
functions and promotes operator
efficiency.
Solid state, electronic, and power
duty control.
Full or split screen incandescent
display switches and indicators
provide vivid transmitted color,
projected color (for neutral display
when unlit), and dead front (hidden
color).
Wide-angle visibility LED and line
voltage neon display switches and
indicators.
Annunciators back-lighted by LED’s
enable high density message display.
Keylock switches available for
controlled access applications.
All AML terminations at the same
shallow depth (1.7 in. /43,1 mm) for
convenient wiring or PC board
termination.
Snap-in surface mount or sub-panel
(hidden bezel) mount with mounting
hardware.
Pad printed legends with a clear
polyurethane overcoat available in a
choice of five standard sizes.
Metric design for worldwide accept-
ance.
UL recognized, CSA certification.
Selected listings are certified by VDE
and CE. (For compliance status,
contact the 800 number.)
MICRO SWITCH AML Advanced Manual
Line combines functional flexibility with
electrical versatility to provide a broad
range of options to choose from.
EASY TO RELAMP
Relamping of T-1-3/4 incandescent
AML91 lamps is accomplished from the
front of the panel without tools. (AML92
T-1-3/4 LEDs can be added in the same
manner.)
FULL GUARD BEZEL OPTION
As an alternative to standard height be-
zels (.06 in./1,5 mm), pushbutton switch-
es can be furnished with full guard bezels
extending .19 in./5.0 mm from the mount-
ing surface. In the free position, standard
buttons are flush with full guard bezels.
The raised bezel guards against acciden-
tal operation by someone leaning against
or dropping something on a control con-
sole.
High Intensity LEDs For Full-face AML Lighted Display
AML92 Series
Full-face illumination for high visibility lighted colors.
Advanced illumination technology combines high-intensity LED in standard
T-1-3/4 wedge base lamp package.
Easy plug-in installation in AML lighted switches and indicators.
Low operating temperature permits high density, continuous operation with
minimal heat build-up.
AML92 Series LEDs have a quad chip assembled in a T-1-3/4 wedge base lamp
package. They provide full-face illumination when used with lighted pushbutton,
rocker and paddle switches, or indicators equipped with incandescent lamp
sockets. For ordering information, refer to page 58.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com