Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AML21GBA2AC Datasheet(PDF) 12 Page - Honeywell Solid State Electronics Center

Part # AML21GBA2AC
Description  Manual Switches Advanced Manual Line
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AML21GBA2AC Datasheet(HTML) 12 Page - Honeywell Solid State Electronics Center

Back Button AML21GBA2AC Datasheet HTML 5Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 6Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 7Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 8Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 9Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 10Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 11Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 12Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 13Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Manual Switches
AML Series
Mounting Dimensions (For Reference Only)
52
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
MULTI-STATION FRONT-PANEL MOUNTING
Panel cutouts
(See page 48 for panel punch manufacturer.)
Square Switches & Indicators
Rect. Switches & Indicators
Annunciator
(.8) (No. of units) — .045*
(1.20) (No. of units) — .045*
(.40) (No. of units) — .045*
(20,3) (No. of units) — 1,14*
(30,5) (No. of units) — 1,14*
(10,1) (No. of units) — 1,14*
For each barrier, add .053/1,35
* Note: If barriers are used, do not subtract .045 in./1,14 mm from the panel cutout
formula. (.045 in./1,14mm is the allowance for the width of the bezel.)
AML61 MULTI-STATION SUBPANEL MOUNTING
Panel cutouts for AML61
Mounting Bracket
Orientation
Width Length
A*
in.
.810
mm 20,57 (.810)(No. of units)
B
in.
.810
mm 20,57 (1.210)(No. of units)
C or D*
in.
1.210
mm 27,94 (.810)(No. of units)
*More than two cans with mounting brackets required for strips
of more than 10 units.
AML61 MOUNTING CENTERS
Mounting Centers/Number of Cans
Mounting Bracket
Orientation
123456789
10
11
12
‘‘A’’ or ‘‘C’’
in.
1.285
2.095
2.905
3.715
4.525
5.335
6.145
6.955
7.765
8.575
9.385
10.195
mm
32,64
53,21
73,79
94,36
114,94
135,51
156,08
176,66
197,23
217,81
238,38
258,95
‘‘B’’
in.
1.685
2.895
4.105
5.315
6.525
7.735
8.945
10.155
mm
42,80
73,53
104,27
135,00
165,74
196,48
227,20
257,94
‘‘D’’ or ‘‘E’’
in.
on CL
.807
1.614
2.421
3.228
4.035
4.842
5.649
6.456
7.263
8.070
8.877
mm
on CL
20,50
41,00
61,49
81,99
102,49
122,99
143,48
163,98
184,48
204,98
225,48
Tolerance
±.015
C
D
E
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com