Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AML21GBA2AC Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # AML21GBA2AC
Description  Manual Switches Advanced Manual Line
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AML21GBA2AC Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  AML21GBA2AC Datasheet HTML 1Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 2Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 3Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 4Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 5Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 6Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 7Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 8Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Manual Switches
AML22 Series
Electronic Control Pushbutton
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
27
LED DISPLAY
Buttons with LED ‘‘window’’ ordered separately.
LEDs are not replaceable.
FEATURES
Identical to AML21 switches, except
furnished with high efficiency LED
display.
Rectangular LED’s are flush with
button surface, providing wide angle
indication.
Optional diode protection for LED’s.
5 thru 24 VDC LED devices have an
internal resistor to maintain current at
nominal 20 mA.
UL recognized, CSA certified.
LED circuit independent of switch
circuit.
Electrical Data
page 19
Buttons
pages 42, 43
Lamps and LEDs
page 58
Accessories
pages 56, 57
Mounting Dimensions
pages 59, 62
*
*
*AML22 Series: 1 pole and
2-pole only.
AML22 ORDER GUIDE
AML22 C
B
B
2
AA
Housing
Bezel
LED Color/
Terminal
Circuitry Codes
Type
Color
Voltage
Type
(Each pole has double-throw)
Standard Bezel:
B
Red
2
Silver
Mom. Action
AML22C Square 1 LED
AML22H Square 1 High-
Profile LED (For use with
AML52-A buttons)
Full Guard Bezel:
AML22J Square 1 LED
Black
B
V*
C
5V
D
10V
E
15V
F
24V
Yellow
H
V*
J
5V
K
10V
L
15V
M
24V
Green
R
V*
S
5V
T
10V
W
15V
X
24V
.110 × .020
(Solder or
Quick-Connect)
3
.025 × .025
(Printed Ckt.,
or Push-On)
8
.110 × .020
With Diode
Protection
for LED
Contacts
AA 1-Pole
AC 2-Pole
CC 4-Pole
Alt. Action
AB 1-Pole
AD 2-Pole
CD 4-Pole
Gold
Contacts
Mom. Action
BA 1-Pole
BC 2-Pole
DC 4-Pole
Alt. Action
BB 1-Pole
BD 2-Pole
DD 4-Pole
Gold-Plated
Silver
Contacts
Mom. Action
EA 1-Pole
EC 2-Pole
Alt. Action
EB 1-Pole
ED 2-Pole
* See LED information for devices without current limiting resistor, page 58.
Example: AML22CBB2AA
Square pushbutton switch housing with
one LED, black bezel; red LED (without
resistor); .110 × .020 termination; mo-
mentary action, 1-pole, double-throw; sil-
ver contacts.
CONTACT ARRANGEMENT
1, 2 or 4 poles: Form C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com