Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

060-R186-06 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # 060-R186-06
Description  Configurable Pressure Transducer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

060-R186-06 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  060-R186-06 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 060-R186-06 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 060-R186-06 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 060-R186-06 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 060-R186-06 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 060-R186-06 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 060-R186-06 Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Sensing and Internet of Things
3
CONFIGURABLE PRESSURE TRANSDUCER, MODEL FP5000
TABLE 6. ELECTRICAL SPECIFICATIONS7
Specifications
2AM, 2AR:
4 mA to 20 mA (2 wire)
2AN:
0 V to 5 V (3 wire)4
2AP:
0 V to 10 V (3 wire)4
Supply voltage
9 Vdc to 28 Vdc
9 Vdc to 28 Vdc
14 Vdc to 28 Vdc
Current consumption
4 mA to 24 mA
< 6 mA
< 6 mA
Output at reference pressure 10 -
(absolute, gage, vacuum)
Output at minimum operating
pressure11 - (compound,
barometric)
4 mA ±0.5 %FSS
0 V ±0.5 %FSS
0 V ±0.5 %FSS
Full scale span (FSS)8
16 mA ±1 %FSS
5 V ±1 %FSS
10 V ±1 %FSS
Frequency response
3500 Hz
3500 Hz
3500 Hz
Reverse voltage protection
Yes, 28 V
Yes, 28 V
Yes, 28 V
Load impedance
< 950 Ohm at 28 V decreasing
linearly to 0 Ohm at 9 V
> 10K Ohms
> 10K Ohms
Insulation resistance
>500 MOhm to case GND at 33 V
>500 MOhm to case GND at 33 V
>500 MOhm to case GND at 33 V
Overvoltage protection
>32 V
>32 V
>32 V
Power up time
< 1 sec
< 1 sec
< 1 sec
Zero adjustment potentiometer
Yes, > ±5 %FS adjustment,
accessible from top after
demounting connector
Yes, > ±5 %FS adjustment,
accessible from top after
demounting connector
Yes, > ±5 %FS adjustment,
accessible from top after
demounting connector



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com