Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

060-R186-06 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # 060-R186-06
Description  Configurable Pressure Transducer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

060-R186-06 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  060-R186-06 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 060-R186-06 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 060-R186-06 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 060-R186-06 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 060-R186-06 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 060-R186-06 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 060-R186-06 Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4 sensing.honeywell.com
CONFIGURABLE PRESSURE TRANSDUCER, MODEL FP5000
TABLE 7. DIN FORM A (6M), DIN FORM C (6BO) WIRING
STANDARD
ALTERNATIVE
PIN
4 mA to 20 mA
(2AM, 2AR)
0 V to 5 V/0 V to 10 V
(2AN, 2AP)
4 mA to 20 mA
(2AM, 2AR)
0 V to 5 V/0 V to 10 V
(2AN, 2AP)
Designation
Designation
Designation
Designation
1
(+) Supply
(+) Supply
(+) Supply
(+) Supply
2
(+) Output
(+) Output
(+) Output
Supply return/ (-) Output
3
No connection
Supply return/ (-) Output
No connection
(+) Output
E
No connection
No connection
Case GND
Case GND
TABLE 8. PT02A-10-6P, 6-PIN (6A) WIRING
STANDARD
ALTERNATIVE
PIN
4 mA to 20 mA
(2AM, 2AR)
0 V to 5 V/0 V to 10 V
(2AN, 2AP)
4 mA to 20 mA
(2AM, 2AR)
0 V to 5 V/0 V to 10 V
(2AN, 2AP)
Designation
Designation
Designation
Designation
A
(+) Supply
(+) Supply
(+) Supply
(+) Supply
B
No connection
Supply return
(+) Output
(+) Output
C
No connection
(-) Output
No connection
No connection
D
(+) Output
(+) Output
No connection
Supply return/ (-) Output
E
No connection
No connection
No connection
No connection
F
No connection
No connection
No connection
No connection
TABLE 9. INTEGRAL CABLE (6Q), CONDUIT FITTING (6R) WIRING
STANDARD
ALTERNATIVE
PIN
4 mA to 20 mA
(2AM, 2AR)
0 V to 5 V/0 V to 10 V
(2AN, 2AP)
4 mA to 20 mA
(2AM, 2AR)
0 V to 5 V/0 V to 10 V
(2AN, 2AP)
Designation
Designation
Designation
Designation
Red
(+) Supply
(+) Supply
(+) Supply
(+) Supply
Black
(+) Output
Supply return
Not available
Supply return/ (-) Output
Green
Not available
(-) Output
Not available
Not available
White
Not available
(+) Output
(+) Output
(+) Output
TABLE 10. M12 X 1, 4-PIN (6BJ) WIRING
STANDARD
ALTERNATIVE
PIN
4 mA to 20 mA
(2AM, 2AR)
0 V to 5 V/0 V to 10 V
(2AN, 2AP)
4 mA to 20 mA
(2AM, 2AR)
0 V to 5 V/0 V to 10 V
(2AN, 2AP)
Designation
Designation
Designation
Designation
1
(+) Supply
(+) Supply
(+) Supply
(+) Supply
2
No connection
(+) Output
(+) Output
No connection
3
(+) Output
Supply return/ (-) Output
No connection
Supply return/ (-) Output
4
Case GND
Case GND
Case GND
(+) Output
TABLE 11. INTRINSICALLY SAFE APPROVALS FOR OPTION 2AR (NOT AVAILABLE ON 2AM, 2AN, 2AP)
Agency
Approvals
cFMus
Class I, Div 1, Groups A, B, C, D
Class I, Zone 0, AEx/Ex ia IIC T4/T5 Ga
Ta= -40°C to 40°C (T5), -40°C to 85°C (T4)
ATEX
II 1 G Ex ia IIC T4/T5 Ga
Ta= -40°C to 40°C (T5), -40°C to 85°C (T4)
IEC Ex
Ex ia IIC T4/T5 Ga
Ta= -40°C to 40°C (T5), -40°C to 85°C (T4)
See Honeywell’s website (http://sensing.honeywell.com) for up-to-date information regarding intrinsically safe approvals. Refer to Installation
manual #008-0751-00 for installation/wiring instructions, cautions and warnings.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com