Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

060-R186-06 Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # 060-R186-06
Description  Configurable Pressure Transducer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

060-R186-06 Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

  060-R186-06 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 060-R186-06 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 060-R186-06 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 060-R186-06 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 060-R186-06 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 060-R186-06 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 060-R186-06 Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Warranty/Remedy
Honeywell warrants goods of its manufacture as being free
of defective materials and faulty workmanship during the
applicable warranty period. Honeywell’s standard product
warranty applies unless agreed to otherwise by Honeywell
in writing; please refer to your order acknowledgment or
consult your local sales office for specific warranty details.
If warranted goods are returned to Honeywell during the
period of coverage, Honeywell will repair or replace, at its
option, without charge those items that Honeywell, in its sole
discretion, finds defective.
The foregoing is buyer’s sole
remedy and is in lieu of all other warranties, expressed or
implied, including those of merchantability and fitness
for a particular purpose. In no event shall Honeywell be
liable for consequential, special, or indirect damages.
While Honeywell may provide application assistance
personally, through our literature and the Honeywell website,
it is buyer’s sole responsibility to determine the suitability of
the product in the application.
Specifications may change without notice. The information
we supply is believed to be accurate and reliable as of this
writing. However, Honeywell assumes no responsibility for
its use.
m WARNING
PERSONAL INJURY
DO NOT USE these products as safety or emergency stop
devices or in any other application where failure of the
product could result in personal injury.
Failure to comply with these instructions could result in
death or serious injury.
m WARNING
MISUSE OF DOCUMENTATION
•
The information presented in this product sheet is for
reference only. Do not use this document as a product
installation guide.
•
Complete installation, operation, and maintenance
information is provided in the instructions supplied
with each product.
Failure to comply with these instructions could result in
death or serious injury.
Hastelloy® is a registered trademark of Haynes International, Inc.
008927-2-EN | 2 | 06/20
© 2020 Honeywell International Inc.
, CAUTION
PRODUCT DAMAGE DUE TO
MECHANICAL ISSUES
•
Ensure torque specifications are determined for the
specific application. (Mating materials and thread
sealants can result in significantly different torque
values from one application to the next.)
•
When using mating parts made of stainless steel, use
a thread sealant with anti-seize properties to prevent
thread galling. Ensure the sealant is rated for the
application.
•
Use appropriate tools (such as an open-ended wrench
or deep-well socket) to install transducers.
•
Always hand-start transducers into the hole to prevent
cross threading and damage.
•
Ensure that torque is not applied to the electrical
connector.
•
Ensure that the proper mating electrical connector
with a seal is used to connect the transducer. Improper
or damaged seals can compromise ingress protection,
leading to short circuits.
•
To ensure proper environmental sealing and electrical
connections when using a connector, follow the
connector manufacturer’s installation guidelines.
•
All terminal cavities must be sealed using the correct
wire gauge and seal combination.
•
If only two leads are used, any additional terminal
cavities should be sealed per the connector
manufacturer’s installation guide.
•
Honeywell recommends using a crimping tool for
crimping wires to the connector terminals.
•
Contact the individual connector manufacturer for
connector wiring.
Failure to comply with these instructions could result in
product damage.
, NOTICE
Refer installation manual #008-0751-00 for installation/
wiring instructions, cautions and warnings related to
Intrinsically Safe FP5000 (option 2AR).
Honeywell
Sensing and Internet of Things
830 East Arapaho Road
Richardson, TX 75081
FOR MORE INFORMATION
Honeywell Sensing and Internet of Things services its cus-
tomers through a worldwide network of sales offices and dis-
tributors. For application assistance, current specifications,
pricing, or the nearest Authorized Distributor,
visit sensing.honeywell.com or call:
USA/Canada
+302 327 8920
Latin America
+1 305 805 8188
Europe
+1 302 327 8920
Japan
+81 (0) 3-6730-7152
Singapore
+65 6355 2828
Greater China
+86 4006396841



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com