Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L191 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # L191
Description  Commercial-Grade Toggle Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

L191 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  L191 Datasheet HTML 1Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 2Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 3Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 4Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 5Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 6Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 7Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 8Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
sensing.honeywell.com
Features
and Benefits
Features
and Benefits
SEALED TO NEMA 3, 3R, 4, 13 AND IP67/IP68 FOR GLOBAL USE
MICRO SWITCH™ NT toggle switches feature a moveable seal between the
toggle lever and bushing and a completely sealed case to meet
NEMA and IP
seal ratings. They are suitable for applications in many demanding outdoor
environments, where the panels are subjected to vibration from equipment,
temperature extremes, dust, splashing water, and/or hose directed water. UL
recognized, File E12252, Vol. 1, Section 44, CSA certified, and CE certified for
global use
WELL-SUITED FOR GLOVED-HAND OPERATION
Spring-loaded actuating mechanism provides excellent tactile feedback for
the toggle switch lever. The NT toggle switches with larger standard metal or
plastic levers are well suited for gloved-hand operation
LOCKING LEVERS
Optional
lever locks (pull-to-unlock) require two separate actions to actuate the
switch in order to prevent unintended actuation
MINIMIZES INSTALLATION TIME
Optional flat base case design with a quick connect terminal pattern mates to a
commercial-type connector for
plug-and-play connectivity, reducing installation
time
VARIETY OF CIRCUITRIES AND OPERATING ACTIONS
NT Series’
2- and 3-position, maintained and momentary toggle action, for
a breadth of circuitry and actuator requirements. Delivers high performance in a
wide range of temperatures: -40 °C to 71 °C [-40 °F to 160 °F]
EASILY CONTROLS LOW-VOLTAGE DC APPLICATIONS
Toggle switches available with a choice of
silver alloy or gold-plated contacts
to handle a variety of electrical load requirements
INNOVATIVE PRODUCT DESIGN
Optional engineered step-design case provides added space between terminals
to
prevent shorting. Optional panel stand-off with O-ring panel seal eliminates
behind-the-panel hardware
Locking levers reduce unintended actuation
Excellent tactile feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com