Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L191 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # L191
Description  Commercial-Grade Toggle Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

L191 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  L191 Datasheet HTML 1Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 2Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 3Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 4Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 5Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 6Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 7Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 8Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
sensing.honeywell.com
MICRO SWITCH™ Commercial-Grade Toggle Switches
Table 1. Specifications
Characteristic
Parameter
Description
Commercial-grade toggle switch (step base and flat base options)
Sealing
IP67/IP68; NEMA 3, 3R, 4, and 13
Operating temperature
-40 °C to 71 °C [-40 °F to 160 °F]
Actuators
Standard, locking, special design, tab
Action
2- or 3- position; momentary and maintained
Mounting
Bushing 15/32 in (0.47 in) Ø
Circuitry
SPST, SPDT, DPST, DPDT, 4PST, 4PDT
Terminations
Screw, solder, quick connect
Contacts
Silver alloy, gold plated
Amp rating
Up to 20 A (resistive)
Approvals
UL, CSA, CE
Measurement
26,7 mm H x 33,5 mm W x 22,6 mm D [1.05 in H x 1.32 in W x 0.89 in D]
Table 2. UL and CSA Electrical Ratings
Rating code
Electrical rating
L192
10 amps, 125, 250, 277 Vac; ¼ Hp, 125 Vac; ½ Hp, 250, 277 Vac; 3 amps, 125 Vac “L”
L191
15 amps, 125, 250, 277 Vac; ½ Hp, 125 Vac; 1 Hp, 250, 277 Vac; 5 amps, 125 Vac “L”
Table 3. Electrical Ratings (in amperes)
Electrical rating code
28 Vdc
115 Vdc
250 Vdc
115 Vac, 60 Hz & 400 Hz
Max.
230 Vac
Ind.
Res.
Lamp
Res.
Res.
Ind.
Res.
Lamp
Res.
1
12
20
5
0.75
0.5
10
15
3
6
2
10
15
4
0.75
0.5
7
15
2
6
3
15
20
7
0.75
0.5
15
15
4
6
4
10
18
5
0.75
0.5
8
11
2
6
5
12
20
5
0.75
0.5
15
15
4
6
6
10
18
4
0.75
0.5
8
11
2
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com