Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L191 Datasheet(PDF) 14 Page - Honeywell Solid State Electronics Center

Part # L191
Description  Commercial-Grade Toggle Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

L191 Datasheet(HTML) 14 Page - Honeywell Solid State Electronics Center

Back Button L191 Datasheet HTML 9Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 10Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 11Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 12Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 13Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 14Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 15Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 16Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 17Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14 sensing.honeywell.com
NT Series
STEP BASE • STANDARD ACTUATOR OPTIONS, TERMINALS, & DIMENSIONS
Note: Three-position switches shown
61NT1: Single pole, standard lever,
panel standoff, screw terminals
62NT1: Double pole, standard lever,
panel standoff, screw terminals
10,9 mm
[0.43 in]
1,93 mm ±0,20 mm wide keyway
[0.076 in ±0.008 wide keyway]
31° ±7° total travel
15° 30’ ±3° 30’
Ø 6,09 mm [Ø 0.24 in]
15/32 - 32 UNS 2A
thread to within
0.060 in of shoulder
Sealed to prevent
entrance of
liquids or dust
17,0 mm [0.67 in]
Panel seal
29,5 mm
[1.16 in]
23,1 mm
[0.91 in]
12,45 mm
[0.49 in]
7,4 mm
[0.29 in]
3X 6-32 UNC-2A
X (0.260) binding
head terminal
screw and
lockwasher
(sems)
28,4 mm
[1.12 in]
4,8 mm
[0.19 in]
15,7 mm [0.62 in]
19,05 mm
[0.75 in]
9,7 mm
[0.38 in]
1,93 mm ±0,20 mm wide keyway
[0.076 in ±0.008 wide keyway]
10,9 mm
[0.43 in]
34° ±8° total travel
Ø 6,09 mm [Ø 0.24 in]
17° ±4°
Sealed to prevent
entrance of
liquids or dust
15/32 - 32 UNS 2A
thread to within
0.060 in of shoulder
17,0 mm [0.67 in]
34,29 mm
[1.35 in]
3,3 mm min.
[0.130 in min.]
27,94 mm
[1.10 in]
3,3 mm min.
[0.130 in min.]
6,6 mm
[0.26 in]
22,6 mm
[0.89 in]
9,7 mm
[0.38 in]
19,05 mm
[0.75 in]
9,7 mm
[0.38 in]
12,45 mm
[0.49 in]
7,4 mm
[0.29 in]
Panel seal
6X 6-32
UNC-2A x (0.260)
binding head terminal
screw and lockwsher
(sems)
33,53 mm
[1.32 in]
7,1 mm
[0.28 in]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com