Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPSLED24 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # CPSLED24
Description  MICRO SWITCH Cable-Pull Safety Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CPSLED24 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  CPSLED24 Datasheet HTML 1Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 2Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 3Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 4Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 5Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 6Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 7Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 8Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4 sensing.honeywell.com
MICRO SWITCH Cable-Pull Safety Switches, CPS Series
Table 3. Circuitry Charts
Circuitry
Chart
1NO/1NC
2NO/2NC
1NO/3NC
4NC
Table 4. 1CPS Contact Blocks

= grounding screw
TEMPERATURE-SPAN DISTANCE APPLICATION
INFORMATION
Cable-pull switches featuring broken cable detection require
pre-tensioning in order to enable the RUN condition.
The relative expansion or contraction of the steel actuating
cable when the ambient temperature increases or decreases
must be taken into account when pre-tensioning a cable pull
switch.
The change in cable length with change in temperature can
cause significant nuisance shut downs on longer runs.
Install the system when the temperature is at the mid point of
the extremes. If a warehouse has a low temperature of 15.6 °C
[60 °F]and a high of 32.2 °C [90 °F], set up the system at the
midpoint 23.9 °C [75 °F].
Use an endspring or another CPS at the opposite end of the
cable span to double the temperature tolerance and to meet
the requirements of EN 418.
Figure 3. Total Temperature Variation vs. Cable Span
Distance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com