Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPSLED24 Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # CPSLED24
Description  MICRO SWITCH Cable-Pull Safety Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CPSLED24 Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button CPSLED24 Datasheet HTML 2Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 3Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 4Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 5Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 6Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 7Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 8Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 9Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6 sensing.honeywell.com
MICRO SWITCH Cable-Pull Safety Switches, CPS Series
Table 6. 1CPS With Broken Cable Detection Order Guide
Catalog
Listing
Conduit
Switching
Bar Chart
¢
Contact Closed | ¨ Contact Open
Contact
Material
Notes
1CPSA1
1/2 in NPT 1NO/1NC
Left
Switch
21-22
13-14
Slackened
cable
Pulled
cable
Proper
cable
tension
12,7
[0.5]
7,9
[0.31]
3,8
[0.15]
3,8
[0.15]
7,9
[0.31]
12,7
[0.5]
9,9
[0.39]
9,9
[0.39]
0
silver alloy
–
1CPSA1A
1/2 in NPT 1NO/1NC
silver alloy
ü
–
1CPSA1B
1/2 in NPT 1NO/1NC
silver alloy
ü
–
1CPSA5
1/2 in NPT 1NO/1NC
gold-plated
–
1CPSC1
20 mm
1NO/1NC
silver alloy
–
1CPSC1A
20 mm
1NO/1NC
silver alloy
ü
–
1CPSC5
20 mm
1NO/1NC
gold-plated
–
1CPSA2
1/2 in NPT 2NO/2NC
Left
Switch
21-22
13-14
Slackened
cable
Pulled
cable
Proper
cable
tension
12,7
[0.5]
7,9
[0.31]
3,8
[0.15]
3,8
[0.15]
7,9
[0.31]
12,7
[0.5]
9,9
[0.39]
9,9
[0.39]
0
Right
Switch
21-22
13-14
silver alloy
–
1CPSA2A
1/2 in NPT 2NO/2NC
silver alloy
ü
–
1CPSA2B
1/2 in NPT 2NO/2NC
silver alloy
ü
–
1CPSA6
1/2 in NPT 2NO/2NC
gold-plated
–
1CPSA6A
1/2 in NPT 2NO/2NC
gold-plated
ü
–
1CPSA6B
1/2 in NPT 2NO/2NC
gold-plated
ü
–
1CPSC2
20 mm
2NO/2NC
silver alloy
–
1CPSC2A
20 mm
2NO/2NC
silver alloy
ü
–
1CPSC2B
20 mm
2NO/2NC
silver alloy
ü
–
1CPSC6
20 mm
2NO/2NC
gold-plated
–
1CPSC6A
20 mm
2NO/2NC
gold-plated
ü
–
1CPSA3
1/2 in NPT 1NO/3NC
Left
Switch
21-22
13-14
Slackened
cable
Pulled
cable
Proper
cable
tension
12,7
[0.5]
7,9
[0.31]
3,8
[0.15]
3,8
[0.15]
7,9
[0.31]
12,7
[0.5]
9,9
[0.39]
9,9
[0.39]
0
Right
Switch
11-12
21-22
silver alloy
–
1CPSA3A
1/2 in NPT 1NO/3NC
silver alloy
ü
–
1CPSA3A-F01 1/2 in NPT 1NO/3NC
silver alloy
ü
10-pin Brad
Harrison con-
nector; actuator
to right
1CPSA3A-F02 1/2 in NPT 1NO/3NC
silver alloy
ü
10-pin Brad
Harrison con-
nector; actuator
to left
1CPSA3B
1/2 in NPT 1NO/3NC
silver alloy
ü
–
1CPSA7
1/2 in NPT 1NO/3NC
gold-plated
–
1CPSC3
20 mm
1NO/3NC
silver alloy
–
1CPSC3A
20 mm
1NO/3NC
silver alloy
ü
–
1CPSC7
20 mm
1NO/3NC
gold-plated
–
1CPSA4
1/2 in NPT 4NC
Left
Switch
11-12
21-22
Slackened
cable
Pulled
cable
Proper
cable
tension
12,7
[0.5]
7,9
[0.31]
3,8
[0.15]
3,8
[0.15]
7,9
[0.31]
12,7
[0.5]
9,9
[0.39]
9,9
[0.39]
0
Right
Switch
11-12
21-22
silver alloy
–
1CPSA4B
1/2 in NPT 4NC
silver alloy
ü
–
1CPSA8
1/2 in NPT 4NC
gold-plated
–
1CPSC4
20 mm
4NC
silver alloy
–
1CPSC8
20 mm
4NC
gold-plated
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com