Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPSLED24 Datasheet(PDF) 11 Page - Honeywell Solid State Electronics Center

Part # CPSLED24
Description  MICRO SWITCH Cable-Pull Safety Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CPSLED24 Datasheet(HTML) 11 Page - Honeywell Solid State Electronics Center

Back Button CPSLED24 Datasheet HTML 7Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 8Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 9Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 10Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 11Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 12Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 13Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 14Page - Honeywell Solid State Electronics Center CPSLED24 Datasheet HTML 15Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Safety and Productivity Solutions
11
MICRO SWITCH Cable-Pull Safety Switches, CPS Series
Figure 4. 1CPS Dimensional Drawing
172,72 mm [6.8 in]
152,4 mm [6.0 in]
81,28 mm [3.2 in]
6,6 mm
[0.26 in]
Indicator version only
33,02 mm
[1.3 in]
76,2 mm
[3.0 in]
88,9 mm
[3.5 in]
99,1 mm
[3.9 in]
53,34 mm
[2.1 in]
4 X Ø 7,37 mm
[4 X Ø 0.29 in]
117,25 mm [4.616 in]
approx. at full travel
4X mounting pad
3X conduit thread
25,4 mm
[1.0 in]
3X 25,4 mm
[3X 1.0 in]
50,82 mm
[2.001 in]
56,8 mm
[2.24 in]
65,2 mm
[2.57 in]
12,7 mm
[0.5 in]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com