Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18-AU1 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST18-AU1
Description  SIX-CHANNEL DOLBY AC3/MPEG2 AUDIO DECODER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18-AU1 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST18-AU1 Datasheet HTML 17Page - STMicroelectronics ST18-AU1 Datasheet HTML 18Page - STMicroelectronics ST18-AU1 Datasheet HTML 19Page - STMicroelectronics ST18-AU1 Datasheet HTML 20Page - STMicroelectronics ST18-AU1 Datasheet HTML 21Page - STMicroelectronics ST18-AU1 Datasheet HTML 22Page - STMicroelectronics ST18-AU1 Datasheet HTML 23Page - STMicroelectronics ST18-AU1 Datasheet HTML 24Page - STMicroelectronics ST18-AU1 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
21/87
ST18-AU1
HostDynRngeCompMode
07
8
Dynamic Range Compression Mode
Line-out Mode
00
Custom Mode, Analog Dialnorm
01
Custom Mode, Digital Dialnorm (default)
02
RF Demod Mode
03
HostDynRngeCutScaleFac
08
16
Dynamic Range Compression Cut Scale Factor
0 to 0x7FFF (at ‘0’ the compression is minimum, at
0x7fff the compression is maximum).
(default: 0x 7fff)
HostDynRngeBstScaleFac
09
16
Dynamic Range Compression Boost Scale Factor
0 to 7FFF (at ‘0’ the boost is minimum, at 0x7fff the
boost is maximum).
(default: 0x7fff)
HostPcmScaleFac
0A
16
PCM Scale Factor
0 to 7FFF (default)
HostOutLfeOn
0B
8
Output LFE Present
Off (default)
00
On
01
HostSpdifOutStrmFormat
0C
8
SPDIF Output Stream Format
(the SPDIF output can send either the PCM decoded
output, or the input encoded elementary stream)
AC3/MPEG (default)
00
PCM
01
HostSpdifOutputLatency
0D
16
SPDIF Output Latency
Delay between the decoder and the bitstream sent via
the SPDIF output. The delay is expressed in multiples
of 1/Fs, where Fs is the sample frequency. The delay is
signed.
0xffff to 0x7ffff (default: 0)
HostSpdifSmpteFrmRat-
Cod
0E
16
SPDIF SMPTE Frame Rate Code
not indicated
00
24/1001
01
24
02
25
03
30/1001 (default)
04
30
05
50
06
60/1001
07
60
08
Table 4.1
Write commands
Mnemonic
Opcode
Size
(bits)
Command description and Parameter values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com