Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18-AU1 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST18-AU1
Description  SIX-CHANNEL DOLBY AC3/MPEG2 AUDIO DECODER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18-AU1 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST18-AU1 Datasheet HTML 34Page - STMicroelectronics ST18-AU1 Datasheet HTML 35Page - STMicroelectronics ST18-AU1 Datasheet HTML 36Page - STMicroelectronics ST18-AU1 Datasheet HTML 37Page - STMicroelectronics ST18-AU1 Datasheet HTML 38Page - STMicroelectronics ST18-AU1 Datasheet HTML 39Page - STMicroelectronics ST18-AU1 Datasheet HTML 40Page - STMicroelectronics ST18-AU1 Datasheet HTML 41Page - STMicroelectronics ST18-AU1 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 87 page
background image
38/87
ST18-AU1
IPR: Interrupt priority register
(Address = 002A, Reset = 0000h, Read/Write)
The IPR register contains the priority level of each ITRQ0-7 interrupt input. IP0-7 priority level
is coded using two bits. The different values of IP are 0, 1, 2, 3 (0 lowest priority, 3 highest
priority).
When two ITRQ with the same priority level are requesting during the same cycle, the first
acknowledged interrupt is the one corresponding to the lowest number (for example, ITRQ0
acknowledged prior to ITRQ3).
ISPR: Interrupt stack pointer register
(Address = 002B, Reset = 0000h, Read/Write)
Note:
’-’ is RESERVED (read: 0, write: don’t care)
ISPR contains the number of stacked priority levels. If the ISPR value is directly written, the
SPLi/CPL values are modified. So the ICR register content is no longer significant but the
interrupt routine procedure is not affected. After reset, ISPR default value is 0
ISR: Interrupt status register
(Address = 002C, Reset = 0000h, Read/Write)
Note:
‘-’ is RESERVED (read: 0, write: don’t care)
15
14
13
12
11
10
9
876543
210
IP7(1:0)
IP6(1:0)
IP5(1:0)
IP4(1:0)
IP3(1:0)
IP2(1:0)
IP1(1:0)
IP0(1:0)
Bit
Function
IP
Interrupt priority level (0, 1, 2 or 3) (default is 0)
15
14
13
12
11
10
9
876543
210
-----
--------
ISP(2:0)
Bit
Function
ISPR
Number of stacked priority levels (0, 1, 2 or 3)
15
14
13
12
11
10
9876
54
3210
-
-
-
-
-
-
-
IPE7 IPE6 IPE5 IPE4 IPE3 IPE2 IPE1 IPE0
Bit
Function
IPE
Interrupt pending bit
0: Reset when interrupt request is acknowledged (default)
1: Set when interrupt request is recorded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com