Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCP3003A Datasheet(PDF) 3 Page - CTS Corporation

Part # VCP3003A
Description  Frequency Translator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

VCP3003A Datasheet(HTML) 3 Page - CTS Corporation

  VCP3003A Datasheet HTML 1Page - CTS Corporation VCP3003A Datasheet HTML 2Page - CTS Corporation VCP3003A Datasheet HTML 3Page - CTS Corporation VCP3003A Datasheet HTML 4Page - CTS Corporation VCP3003A Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VCP3006X
REV. A
03/26/07
CTS Electronic Components, Inc. 171 Covington Dr. Bloomingdale, Illinois 60108
http://www.ctscorp.com/
VCP3006X
_________________________________________________________________
PIN OUT
Pin
Symbol
Function
1
LD
Lock detect
Logic “1” indicates a locked condition (CMOS level >Vdd-.04)
Logic “0” indicates that no input signal is present or the input signal
has moved out of the lock range (CMOS Level <0.4V)
2
IN
Input frequency
3
/IN
NC: not connected internally
4
GND
Ground
5
E/D
Enable/ disable
Logic “0” = output disabled (CMOS Level <0.4V)
Logic “1” = output enabled (CMOS Level > Vdd-0.4 V)
6
Gnd
Ground
7
Gnd
Ground
8
/OUT
Complementary output
9
OUT
Output
10
Vcc
Power supply voltage
11
N/C
No connection
12
Gnd
Ground
13
Gnd
Ground
14
Gnd
Ground



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com