Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCP3003A Datasheet(PDF) 4 Page - CTS Corporation

Part # VCP3003A
Description  Frequency Translator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

VCP3003A Datasheet(HTML) 4 Page - CTS Corporation

  VCP3003A Datasheet HTML 1Page - CTS Corporation VCP3003A Datasheet HTML 2Page - CTS Corporation VCP3003A Datasheet HTML 3Page - CTS Corporation VCP3003A Datasheet HTML 4Page - CTS Corporation VCP3003A Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VCP3006X
REV. A
03/26/07
CTS Electronic Components, Inc. 171 Covington Dr. Bloomingdale, Illinois 60108
http://www.ctscorp.com/
VCP3006X
_________________________________________________________________
Tape & Reel Information
Tape width 24 mm, pitch 20 mm, as per EIA 481-2, 1000 units per reel max
Environmental Limits:
Storage Temperature
-40 to +90 °
°°°C.
Humidity
95% Relative humidity max @ 70°
°°°C.
Vibration
10 to 60 Hz with double amplitude of 1.52mm max.
(1/2 hour in each of 3 perpendicular planes).
Mechanical Shock
1/2 sine pulse, 3000G, with pulse width 0.3mSec.
(3 shock in each of 6 directions of 3 perpendicular planes).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com