Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCP3003A Datasheet(PDF) 1 Page - CTS Corporation

Part # VCP3003A
Description  Frequency Translator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

VCP3003A Datasheet(HTML) 1 Page - CTS Corporation

  VCP3003A Datasheet HTML 1Page - CTS Corporation VCP3003A Datasheet HTML 2Page - CTS Corporation VCP3003A Datasheet HTML 3Page - CTS Corporation VCP3003A Datasheet HTML 4Page - CTS Corporation VCP3003A Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VCP3006X
REV. A
03/26/07
CTS Electronic Components, Inc. 171 Covington Dr. Bloomingdale, Illinois 60108
http://www.ctscorp.com/
•
See WWW.CTSCORP.COM for product patent status.
Electrical Specifications
:
VCP3006X
Specification
Input frequency
77.76 MHz
Output frequency
622.08 MHz
Supply Voltage (±
±±± 5%)
3.3V
PECL input
400 mV min. Peak-to-peak
PECL output
Min.
Max.
Logic “0” 1.49V
1.68V
Logic “1” 2.28V
2.42V
Output Duty Cycle
45/55% max
Current Drain
95 Ma max.
Operating Temperature
-40 to 85°C
Input frequency tracking capability
+/- 32 ppm minimum
Peaking
< 0.1 dB
Jitter attenuation
> 4 dB @ 1 KHz offset
> 12 dB @ 5 kHz offset
RMS phase jitter generation (50kHz to 80 MHz)
< 1 psec max.
Model VCP3006X
Frequency Translator
Features:
•
622.08 MHz SAW-based LVPECL output
•
RoHS Compliant
•
Low Profile Surface Mount Package
•
Excellent solder reflow performance
•
PCB Substrate for excellent TCE match
•
Non-Peaking Attenuation Response
Description and applications
:
Surface mount 15.9 mm SQ frequency
translator operating at a 3.3V supply
with complementary LVPECL outputs
for use in telecom & datacom
VCP3006X
622 M
CTS
07XX
•


Similar Part No. - VCP3003A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
Frequency Translator
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
Frequency Translator
More results

Similar Description - VCP3003A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
485Kb / 12P
Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
Frequency Translator
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
Frequency Translator
VCP3021X CTS-VCP3021X Datasheet
191Kb / 5P
Frequency Translator
VCP3028X CTS-VCP3028X Datasheet
190Kb / 5P
Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
Frequency Translator
VCP3250 CTS-VCP3250 Datasheet
191Kb / 5P
Frequency translator
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
Frequency Translator
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
Frequency Translator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com