Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1758021 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1758021
Description  Printed-circuit board connector - TFKC 2,5/ 3-ST-5,08 - 1962613
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1758021 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1758021 Datasheet HTML 1Page - PHOENIX CONTACT 1758021 Datasheet HTML 2Page - PHOENIX CONTACT 1758021 Datasheet HTML 3Page - PHOENIX CONTACT 1758021 Datasheet HTML 4Page - PHOENIX CONTACT 1758021 Datasheet HTML 5Page - PHOENIX CONTACT 1758021 Datasheet HTML 6Page - PHOENIX CONTACT 1758021 Datasheet HTML 7Page - PHOENIX CONTACT 1758021 Datasheet HTML 8Page - PHOENIX CONTACT 1758021 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
https://www.phoenixcontact.com/gb/products/1962613
09/07/2017   Page 1 / 14
Printed-circuit board connector - TFKC 2,5/ 3-ST-5,08 - 1962613
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, nominal current: 12 A, rated voltage (III/2): 320 V, number of positions: 3, pitch: 5.08 mm,
connection method: Push-in spring connection, Color: green, contact surface: Tin
The figure shows a 10-position
version of the product
Why buy this product
 Time saving push-in connection, tools not required
 Potentials can be easily looped through – ideal for BUS applications
 Intuitive use through colour coded actuation lever
 Can be combined with the MSTB 2´,5 range
 Quick and convenient testing using integrated test option
Key Commercial Data
Packing unit
50 STK
Minimum order quantity
50 STK
GTIN
GTIN
4017918912048
Weight per Piece (excluding packing)
6.830 g
Custom tariff number
85366990
Country of origin
Bulgaria
Technical data
Dimensions
Length [ l ]
25.7 mm
Width [ w ]
15.14 mm
Height [ h ]
22.1 mm
Pitch
5.08 mm
Dimension a
10.16 mm
General


Similar Part No. - 1758021

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1758021 PHOENIX-1758021 Datasheet
41Kb / 1P
Extract from the online catalog
1758021 PHOENIX-1758021 Datasheet
169Kb / 7P
ICV 2,5/ 3-G-5,08
1758021 PHOENIX-1758021 Datasheet
154Kb / 6P
IC 2,5/ 3-G-5,08
1758021 PHOENIX-1758021 Datasheet
149Kb / 7P
MSTBT 2,5/ 3-ST-5,08
More results

Similar Description - 1758021

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1712607 PHOENIX-1712607 Datasheet
65Kb / 4P
Printed-circuit board connector - TFKC 2,5/ 5-ST-5,08 BK
1962778 PHOENIX-1962778 Datasheet
109Kb / 7P
Printed-circuit board connector - TFKC 2,5/10-STF-5,08
1962671 PHOENIX-1962671 Datasheet
109Kb / 7P
Printed-circuit board connector - TFKC 2,5/ 9-ST-5,08
1962655 PHOENIX-1962655 Datasheet
109Kb / 7P
Printed-circuit board connector - TFKC 2,5/ 7-ST-5,08
1965461 PHOENIX-1965461 Datasheet
84Kb / 7P
Printed-circuit board connector - TFKC 2,5/ 5-ST-5,08 AU
1962736 PHOENIX-1962736 Datasheet
109Kb / 7P
Printed-circuit board connector - TFKC 2,5/ 6-STF-5,08
1962639 PHOENIX-1962639 Datasheet
209Kb / 15P
Printed-circuit board connector - TFKC 2,5/ 5-ST-5,08
09/12/2020
1962668 PHOENIX-1962668 Datasheet
225Kb / 17P
Printed-circuit board connector - TFKC 2,5/ 8-ST-5,08
09/12/2020
1962707 PHOENIX-1962707 Datasheet
163Kb / 12P
Printed-circuit board connector - TFKC 2,5/ 3-STF-5,08
09/12/2020
1962752 PHOENIX-1962752 Datasheet
173Kb / 13P
Printed-circuit board connector - TFKC 2,5/ 8-STF-5,08
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com