Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1758021 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 1758021
Description  Printed-circuit board connector - TFKC 2,5/ 3-ST-5,08 - 1962613
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1758021 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 1758021 Datasheet HTML 6Page - PHOENIX CONTACT 1758021 Datasheet HTML 7Page - PHOENIX CONTACT 1758021 Datasheet HTML 8Page - PHOENIX CONTACT 1758021 Datasheet HTML 9Page - PHOENIX CONTACT 1758021 Datasheet HTML 10Page - PHOENIX CONTACT 1758021 Datasheet HTML 11Page - PHOENIX CONTACT 1758021 Datasheet HTML 12Page - PHOENIX CONTACT 1758021 Datasheet HTML 13Page - PHOENIX CONTACT 1758021 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
https://www.phoenixcontact.com/gb/products/1962613
09/07/2017   Page 11 / 14
Printed-circuit board connector - TFKC 2,5/ 3-ST-5,08 - 1962613
Accessories
Housing - MDSTBVA 2,5/ 3-GR-5,08 - 1874769
Header, nominal current: 10 A, rated voltage (III/2): 320 V, number of positions: 3, pitch: 5.08 mm, Color: green,
contact surface: Tin, mounting: Wave soldering, The article can be aligned to create different nos. of positions! In
combination with MVSTB or FKCV plug components, both an MVSTBW (or FKCVW) and an MVSTBR plug (or
FKCVR) must be used. Combination with TMSTBP plug components is not possible!
 
 
Base strip - EMSTBA 2,5/ 3-G-5,08 - 1880313
Header, nominal current: 12 A, rated voltage (III/2): 320 V, number of positions: 3, pitch: 5.08 mm, Color: green,
contact surface: Tin, mounting: Press-in technology
 
 
Base strip - DFK-MSTBA 2,5/ 3-G-5,08 - 1898842
Header, nominal current: 12 A, rated voltage (III/2): 320 V, number of positions: 3, pitch: 5.08 mm, Color: green,
contact surface: Tin, mounting: Wave soldering
 
 
Base strip - DFK-MSTBVA 2,5/ 3-G-5,08 - 1899142
Header, nominal current: 12 A, rated voltage (III/2): 320 V, number of positions: 3, pitch: 5.08 mm, Color: green,
contact surface: Tin, mounting: Wave soldering
 
 
Printed-circuit board connector - MSTBA 2,5/ 3-G-5,08 THT - 1902754
Header, nominal current: 12 A, rated voltage (III/2): 320 V, number of positions: 3, pitch: 5.08 mm, Color: black,
contact surface: Tin, mounting: THR soldering, User information and design recommendations for through hole reflow
technology can be found under “Downloads”
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com