Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1758021 Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 1758021
Description  Printed-circuit board connector - TFKC 2,5/ 3-ST-5,08 - 1962613
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1758021 Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 1758021 Datasheet HTML 6Page - PHOENIX CONTACT 1758021 Datasheet HTML 7Page - PHOENIX CONTACT 1758021 Datasheet HTML 8Page - PHOENIX CONTACT 1758021 Datasheet HTML 9Page - PHOENIX CONTACT 1758021 Datasheet HTML 10Page - PHOENIX CONTACT 1758021 Datasheet HTML 11Page - PHOENIX CONTACT 1758021 Datasheet HTML 12Page - PHOENIX CONTACT 1758021 Datasheet HTML 13Page - PHOENIX CONTACT 1758021 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
https://www.phoenixcontact.com/gb/products/1962613
09/07/2017   Page 12 / 14
Printed-circuit board connector - TFKC 2,5/ 3-ST-5,08 - 1962613
Accessories
Base strip - MSTBVA 2,5/ 3-G-5,08 THT - 1902822
Header, nominal current: 12 A, rated voltage (III/2): 320 V, number of positions: 3, pitch: 5.08 mm, Color: black,
contact surface: Tin, mounting: THR soldering, User information and design recommendations for through hole reflow
technology can be found under “Downloads”
 
 
Printed-circuit board connector - MSTBA 2,5/ 3-G-5,08 THT-R32 - 1937240
Header, nominal current: 12 A, rated voltage (III/2): 320 V, number of positions: 3, pitch: 5.08 mm, Color: black,
contact surface: Tin, mounting: THR soldering, User information and design recommendations for through hole reflow
technology can be found under “Downloads”
 
 
Base strip - MSTBVA 2,5/ 3-G-5,08 THT-R56 - 1940428
Header, nominal current: 12 A, rated voltage (III/2): 320 V, number of positions: 3, pitch: 5.08 mm, Color: black,
contact surface: Tin, mounting: THR soldering, User information and design recommendations for through hole reflow
technology can be found under “Downloads”
 
 
Printed-circuit board connector - CC 2,5/ 3-G-5,08 P26THR - 1954391
Header, nominal current: 12 A, rated voltage (III/2): 320 V, number of positions: 3, pitch: 5.08 mm, Color: black,
contact surface: Tin, mounting: THR soldering, User information and design recommendations for through hole reflow
technology can be found under “Downloads”
 
 
Printed-circuit board connector - CC 2,5/ 3-G-5,08 P26THRR32 - 1954595
Header, nominal current: 12 A, rated voltage (III/2): 320 V, number of positions: 3, pitch: 5.08 mm, Color: black,
contact surface: Tin, mounting: THR soldering, User information and design recommendations for through hole reflow
technology can be found under “Downloads”
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com