Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API-4260-LW150-2-R Datasheet(PDF) 4 Page - PUI audio inc.

Part # API-4260-LW150-2-R
Description  Wide 100 Hz to 20 kHz frequency response
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

API-4260-LW150-2-R Datasheet(HTML) 4 Page - PUI audio inc.

  API-4260-LW150-2-R Datasheet HTML 1Page - PUI audio inc. API-4260-LW150-2-R Datasheet HTML 2Page - PUI audio inc. API-4260-LW150-2-R Datasheet HTML 3Page - PUI audio inc. API-4260-LW150-2-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PUI Audio, Inc., 1202 E. Dayton Yellow Springs Rd, Fairborn OH 45324
Tel: (937) 415-5901 Fax: (937) 415-5925
Using the API-4260-LW150-2-R
Requirements:
1. Any laptop or desktop computer with USB ports.
2. USB-A Male to Mini USB-B Male cable.
3. API-4260-LW150-2-R
Loading files onto the API-4260-LW150-2-R
The API-4260-LW150-2-R features 4MB of on-board flash memory and can play back any
mono .wav or .mp3 audio file that is 4MB or smaller. If your file is larger than 4MB, please use
a program, such as Audacity®, to compress the file or shorten the total amount of time the file
takes to play, to decrease the file size.
If your audio file contains stereo, two-channel, information, please use Audacity to mix down
the file to a mono (single-channel) file.
Note: Many audio files are saved at different levels. It is best to use a program such as
Audacity to ensure that there is not a clipped signal (levels at 0 dB or above) to prevent the
speaker within the API-4260-LW150-2-R from being damaged. You may also use software to
increase gain levels for more output. It is recommended to keep the maximum level below -3
dB if possible (with 0 dB referenced as maximum signal level).
Multiple files may be loaded onto the API-4260-LW150-2-R. Files will play back according to
the file name in alpha-numeric order. Add a number to the beginning of the file name to
create the order in which you would like the files to play. Please note: Files play consecutively
without any pause between the files.
1. With a USB-A Male to Mini USB-B Male cable in-hand, and no power applied to the
API-4260-LW150-2-R, plug the USB-A Male connector into your computer and the
Mini USB-B Male connector into the API-4260-LW150-2-R.
2. The API-4260-LW150-2-R should be recognized by your computer as a USB flash drive
and the default drivers for a USB drive will be assigned to the device, as well as a
unique disk drive letter assignment (such as D:).
3. Drag-and-drop your audio files into the API-4260-LW150-2-R, and you’re done!
4. Disconnect the USB cable from the API-4260-LW150-2-R and computer and apply a DC
voltage between 7 and 24 VDC to the red and black leads (while observing polarity).
The API-4260-LW150-2-R will play back your audio files according to the order you
have assigned to them.
Note: In some instances, it may be necessary to use a File Explorer program to find and
delete two hidden files/folders (.fseventsd and .Trashes) that are automatically loaded onto
the API once connected to some computers. If your API does not repeat the loaded files once
voltage is applied, please delete the .fseventsd and .Trashes files and folders.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com