Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API-4260-LW150-2-R Datasheet(PDF) 2 Page - PUI audio inc.

Part # API-4260-LW150-2-R
Description  Wide 100 Hz to 20 kHz frequency response
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

API-4260-LW150-2-R Datasheet(HTML) 2 Page - PUI audio inc.

  API-4260-LW150-2-R Datasheet HTML 1Page - PUI audio inc. API-4260-LW150-2-R Datasheet HTML 2Page - PUI audio inc. API-4260-LW150-2-R Datasheet HTML 3Page - PUI audio inc. API-4260-LW150-2-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2020, PUI Audio Inc.
PUI Audio, Inc., 1202 E. Dayton Yellow Springs Rd, Fairborn OH 45324
Tel: (937) 415-5901 Fax: (937) 415-5925
Reliability Testing
Type of Test
Test Specifications
High Temperature Test
96 hours at 60°C followed by 6 hours in normal
room temperature
Low Temperature Test
96 hours at -20°C followed by 6 hours in normal
room temperature
Humidity Test
96 hours at +40°C with relative humidity at 92%
followed by 3 hours in normal room temperature
Temperature Cycle Testing
Part is testing according to the below chart for 5
cycles:
Vibration Test
1.5Hz to 5Hz to 1.5Hz cycles, 15 minutes per
cycle. 2 hours in each axis X, Y, and Z.
Drop Test
Drop product onto 40mm thick wooden board 10
times from a height of 75cm.
After each test, the part’s SPL shall be no less than 97 dB with 1 kHz sinewave file and 12 VDC applied.
Dimensions (Red-wire is positive +, black-wire is negative -)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com