Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API-4260-LW150-2-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # API-4260-LW150-2-R
Description  Wide 100 Hz to 20 kHz frequency response
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

API-4260-LW150-2-R Datasheet(HTML) 1 Page - PUI audio inc.

  API-4260-LW150-2-R Datasheet HTML 1Page - PUI audio inc. API-4260-LW150-2-R Datasheet HTML 2Page - PUI audio inc. API-4260-LW150-2-R Datasheet HTML 3Page - PUI audio inc. API-4260-LW150-2-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2020, PUI Audio Inc.
PUI Audio, Inc., 1202 E. Dayton Yellow Springs Rd, Fairborn OH 45324
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
API-4260-LW150-2-R
PUI Audio’s all-new API-4260-LW150-2-R audio programmable indicator
makes adding audio files easier than ever before! Connect the API-4260-
LW150-2-R to any computer (Window, Linux, or Mac) and simply drag-and-
drop mono audio files the same as you would a USB flash drive.
A larger 4MB storage size allows for longer files (WAV or MP3) or for sequential
playback of multiple files, while the all-new internal DAC allows for 48 kHz
sampling rates for true frequency response out to 20 kHz.
Features:
•
Easy drag-and-drop file transfer on nearly any computer
•
150mm lead wires and mounting flanges for easy integration
•
Wide 100 Hz to 20 kHz frequency response
Specifications
Parameters
Values
Units
Rated Voltage
12
VDC
Operating Voltage Range
7 ~ 24
VDC
Current Draw at Rated Voltage
350
mA
Minimum SPL @ 10cm (1 kHz tone
recorded at 0 dB reference level)
100
dBA
Frequency Range (-10 dB)
100 ~ 20,000
Hz
Tone or Pulse Rate
Repeating
-
Housing Material
ABS
-
Terminal Material
Lead Wires
UL1430 AWG 26
Weight
27
Grams
Acceptable Soldering Methods
Hand Solder
-
Compliances
RoHS/REACH,
FCC Part 15 Class B,
CE EN61000-6-1,
CE EN61000-6-3
-
Storage Temperature
-30 ~ +70
°C
Operating Temperature
-20 ~ +60
°C


Similar Part No. - API-4260-LW150-2-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
API-4260-LW150-R PUI-API-4260-LW150-R Datasheet
264Kb / 1P
RELEASED FROM ENGINEERING
More results

Similar Description - API-4260-LW150-2-R

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NZG5-20K MICRONETICS-NZG5-20K Datasheet
161Kb / 2P
Legacy 100 Hz to 20 kHz
NZG10-20K MICRONETICS-NZG10-20K Datasheet
161Kb / 2P
Legacy 100 Hz to 20 kHz
NZG25-20K MICRONETICS-NZG25-20K Datasheet
161Kb / 2P
Legacy 100 Hz to 20 kHz
NZG50-20K MICRONETICS-NZG50-20K Datasheet
161Kb / 2P
Legacy 100 Hz to 20 kHz
NZG50-100K MICRONETICS-NZG50-100K Datasheet
161Kb / 2P
Legacy 100 Hz to 100 kHz
NZG100-20K MICRONETICS-NZG100-20K Datasheet
161Kb / 2P
Legacy 100 Hz to 20 kHz
NZG100-100K MICRONETICS-NZG100-100K Datasheet
161Kb / 2P
Legacy 100 Hz to 100 kHz
NZG150-20K MICRONETICS-NZG150-20K Datasheet
161Kb / 2P
Legacy 100 Hz to 20 kHz
NZG150-100K MICRONETICS-NZG150-100K Datasheet
161Kb / 2P
Legacy 100 Hz to 100 kHz
logo
Frequency Devices, Inc.
D70 FREQUENCYDEVICES-D70 Datasheet
677Kb / 14P
100 Hz to 50 kHz Fixed Frequency
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com