Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS01508MO-SP11-LW25-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AS01508MO-SP11-LW25-R
Description  89 dB output (2V @ 10cm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS01508MO-SP11-LW25-R Datasheet(HTML) 1 Page - PUI audio inc.

  AS01508MO-SP11-LW25-R Datasheet HTML 1Page - PUI audio inc. AS01508MO-SP11-LW25-R Datasheet HTML 2Page - PUI audio inc. AS01508MO-SP11-LW25-R Datasheet HTML 3Page - PUI audio inc. AS01508MO-SP11-LW25-R Datasheet HTML 4Page - PUI audio inc. AS01508MO-SP11-LW25-R Datasheet HTML 5Page - PUI audio inc. AS01508MO-SP11-LW25-R Datasheet HTML 6Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2020, PUI Audio Inc.
PUI Audio, Inc. 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
AS01508MO-SP11-LW25-R
PUI Audio’s Mobile Series line of speakers and receivers is designed for cutting-
edge applications such as smart watches and pendants, Wi-Fi enabled security
devices and action cameras, mobile radios and smart phones, as well as IoT
devices.
The 8Ω, 15mm x 11mm AS01508MO-SP11-LW25-R speaker is designed for high
fidelity audio reproduction in the thinnest size possible—only 3.9mm thick with
the included foam adhesive!
Features:
•
89 dB output (2V @ 10cm)
•
High-energy neodymium motor
•
4mm thick with included 2-sided foam adhesive
Specifications
Parameters
Values
Units
Rated Input Power
0.7
Watts
Max Input Power
1
Watts
Impedance
8 ± 15%
Ohms
Sensitivity (SPL @ 2V/10cm)
2.0 kHz
89 ± 3
dB
Resonant Frequency
(free air)
600 ± 20%
Hz
Frequency Range
600 ~ 20,000
Hz
Frame Material
PBT
-
Magnet Material
NdFeB
-
Weight
1.5
Grams
Environmental Protection Rating
-
-


Similar Part No. - AS01508MO-SP11-LW25-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS01508MO-SC11-R PUIAUDIO-AS01508MO-SC11-R Datasheet
941Kb / 6P
89 dB output (2V @ 10cm)
1/30/2020
More results

Similar Description - AS01508MO-SP11-LW25-R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16X2TX HOLTEK-HT16X2TX Datasheet
1Mb / 13P
Operating voltage: 2V ~ 3.6V Output power up to 10dBm
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6_1 Datasheet
118Kb / 2P
SOT-89 Plastic-Encapsulate Transistors (SOT-89)
logo
Littelfuse
2SB1188T100Q LITTELFUSE-2SB1188T100Q Datasheet
180Kb / 4P
Medium power transistor (??2V, ??A)
logo
TE Connectivity Ltd
MS5803-01BA TEC-MS5803-01BA Datasheet
493Kb / 19P
High resolution module, 10cm
logo
List of Unclassifed Man...
DWM1001 ETC2-DWM1001 Datasheet
1Mb / 30P
Ranging accuracy to within 10cm
CL800 ETC1-CL800 Datasheet
662Kb / 2P
2V 800Ah(10hr)
logo
Mallory Sonalert Produc...
PK-26N04P-06AQ MSPI-PK-26N04P-06AQ Datasheet
96Kb / 1P
95 at 10cm at Rated Voltage
PT-1240FEQ MSPI-PT-1240FEQ Datasheet
84Kb / 1P
Sound Pressure Level (dB/min) 85 at 10cm at Rated voltage
PT-3534FPQ MSPI-PT-3534FPQ Datasheet
95Kb / 1P
Sound Pressure Level Min. (dB) 105 at 10cm at Rated Voltage
logo
Maxim Integrated Produc...
MAX761EVKIT MAXIM-MAX761EVKIT Datasheet
353Kb / 4P
2V to 12V Input Range for 12V Output
2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com