Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST19SF02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST19SF02
Description  Smartcard MCU With 2 KBytes of EEPROM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19SF02 Datasheet(HTML) 1 Page - STMicroelectronics

  ST19SF02 Datasheet HTML 1Page - STMicroelectronics ST19SF02 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA BRIEFING
This is Brief Data from STMicroelectronics. Details are subject to change without notice. For complete data, please contact
your nearest Sales Office or SmartCard Products Divison, Rousset, France. Fax: (+33) 4 42 25 87 29
ST19SF02
Smartcard MCU
With 2 KBytes of EEPROM
s
ENHANCED 8 BIT CPU WITH EXTENDED
ADDRESSING MODES
s
32 K BYTES OF USER ROM WITH
PARTITIONING
s
SYSTEM ROM
s
960 BYTES OF USER RAM WITH
PARTITIONING
s
2 K BYTES OF USER EEPROM WITH
PARTITIONING
– Highly reliable CMOS EEPROM submicron
technology
– 10 years data retention
– 100,000 Erase/Write cycles endurance
– Separate Write and Erase cycles for fast "1"
programming
– 1 to 32 bytes Erase or Program
s
SECURITY FIREWALLS FOR MEMORIES
s
VERY HIGH SECURITY FEATURES
INCLUDING EEPROM FLASH PROGRAM
s
8 BIT TIMER WITH INTERRUPT CAPABILITY
s
2 SERIAL ACCESS, ISO 7816-3 COMPATIBLE
s
3V
± 10% or 5V ± 10% SUPPLY VOLTAGE
s
POWER SAVING STANDBY MODE
s
CONTACT ASSIGNMENT COMPATIBLE ISO
7816-2
s
ESD PROTECTION GREATER THAN 5000V
Micromodule (D4)
Wafer
October 1999


Similar Part No. - ST19SF02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19SF04 STMICROELECTRONICS-ST19SF04 Datasheet
23Kb / 2P
Smartcard MCU With 4 KBytes of EEPROM
May-2000
ST19SF08 STMICROELECTRONICS-ST19SF08 Datasheet
27Kb / 2P
Smartcard MCU With 8 KBytes EEPROM
ST19SF08CD45XXXZ STMICROELECTRONICS-ST19SF08CD45XXXZ Datasheet
31Kb / 2P
Ordering Information For Package And Delivery
Sep-2001
More results

Similar Description - ST19SF02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19GF34 STMICROELECTRONICS-ST19GF34 Datasheet
26Kb / 2P
Smartcard MCU With 34 KBytes EEPROM
Oct-1999
ST19SF04 STMICROELECTRONICS-ST19SF04 Datasheet
23Kb / 2P
Smartcard MCU With 4 KBytes of EEPROM
May-2000
ST19SF08 STMICROELECTRONICS-ST19SF08 Datasheet
27Kb / 2P
Smartcard MCU With 8 KBytes EEPROM
ST19SF16 STMICROELECTRONICS-ST19SF16 Datasheet
27Kb / 2P
Smartcard MCU With 16 KBytes EEPROM
ST19SF64 STMICROELECTRONICS-ST19SF64 Datasheet
27Kb / 2P
Smartcard MCU With 64 KBytes EEPROM
ST19WR02 STMICROELECTRONICS-ST19WR02 Datasheet
49Kb / 3P
Dual Contactless Smartcard MCU With 2 Kbytes EEPROM
Apr-2004
ST19WS04 STMICROELECTRONICS-ST19WS04 Datasheet
51Kb / 3P
Smartcard MCU With 4 Kbytes EEPROM
Sep-2004
ST19WSC8 STMICROELECTRONICS-ST19WSC8 Datasheet
51Kb / 3P
Smartcard MCU With 8 Kbytes EEPROM
May-2004
ST19XS08 STMICROELECTRONICS-ST19XS08 Datasheet
164Kb / 4P
Smartcard MCU With 8 Kbytes EEPROM
Sep-2002
ST19WS02 STMICROELECTRONICS-ST19WS02 Datasheet
41Kb / 3P
Smartcard MCU With 2 Kbytes EEPROM
Sep-2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com