Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-SWC Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST20-SWC
Description  ST20 software development and debugging tools
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-SWC Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST20-SWC Datasheet HTML 5Page - STMicroelectronics ST20-SWC Datasheet HTML 6Page - STMicroelectronics ST20-SWC Datasheet HTML 7Page - STMicroelectronics ST20-SWC Datasheet HTML 8Page - STMicroelectronics ST20-SWC Datasheet HTML 9Page - STMicroelectronics ST20-SWC Datasheet HTML 10Page - STMicroelectronics ST20-SWC Datasheet HTML 11Page - STMicroelectronics ST20-SWC Datasheet HTML 12Page - STMicroelectronics ST20-SWC Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ST20–SWC
9/21
3
INQUEST windowing debugger
The INQUEST debugger can debug ANSI C ST20 programs either interactively or post-mortem. A
user interface displays source code or disassembled code and enables the user to interact with the
debugger by means of buttons and menus, mouse and keyboard. The interface is built using the X
Window System and OSF/Motif for Sun-4s or Microsoft Windows for PCs.
The program being debugged may consist of any number of tasks (or threads of execution) some
of which may be running while others are stopped or being single stepped. The host debugger
program is asynchronous and holds a copy of the last stopped state of each thread, so values may
be inspected by the host while the user program is running on the ST20. Multiple debugging windows
may be opened to view different parts of the program simultaneously.
The INQUEST debugger has three debugging modes:
interactive debugging, i.e. monitoring the application as it executes on the target processor;
post-mortem debugging on the target processor when the application has stopped;
post-mortem debugging on the host from a dump file.
Inquest - Browser
app main : running
app control: stopped at #8001130d
app sum: chan-waiting
FAreg: 0.000000 FBreg: 0.000000 FCreg: 0.000000
Processes
app feed: chan-waiting
Inquest
File
Ex ecution E vents Variables
O ptions W indow H elp
Program : C :\INQUEST\EXAMPLES\APP_C\APP .BTL
C:\INQUEST\EXAMPLES\APP_C\control.c
30
31
32
33
34
35
36
37
38
do
{
printf(”Please type n : ”);
} while (scanf(”%d”, &n) !=1);
return (n);
}
void close_down (Channel *in, Channel *o
Continue
Interrupt
Step
Next
Step Out
Step T o
Break
Watch
Delete
Print
Jump
Print *
Locate
Last Evt
Inquest - Cmdline
32 >
3 1 app main : breakpoint 6 at <app.c 26 0>
0 0 > continue
0 0 > interrupt
3 2 app control : interrupted at #8001130d
Figure 2
The Microsoft Windows debugger display
Inquest - Browser
3 factorial( ) at <facs.c 25 0>
2 factorial( ) at <facs.c 27 0>
1*main( ) at <facs.c 49 0>
Processes
Threads
FAreg: 0.000000 FBreg: 0.000000 FCreg: 0.000000
Figure 3
A Microsoft Windows stack trace
Inquest - Cmdline
3 3 > print *p
{
link = 00000000,
wsret = -2147422152,
wbase = 8002cde0,
wsize = 4096,
chan = *empty*
}
00>
Figure 4
Displaying a structured variable on Microsoft Windows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com