Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-SWC Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST20-SWC
Description  ST20 software development and debugging tools
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-SWC Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST20-SWC Datasheet HTML 8Page - STMicroelectronics ST20-SWC Datasheet HTML 9Page - STMicroelectronics ST20-SWC Datasheet HTML 10Page - STMicroelectronics ST20-SWC Datasheet HTML 11Page - STMicroelectronics ST20-SWC Datasheet HTML 12Page - STMicroelectronics ST20-SWC Datasheet HTML 13Page - STMicroelectronics ST20-SWC Datasheet HTML 14Page - STMicroelectronics ST20-SWC Datasheet HTML 15Page - STMicroelectronics ST20-SWC Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
ST20–SWC
12/21
3.1
Interactive debugging
Sun-4 or PC host
Target ST20
Debugging
kernel
User
program
Debugger
program
User i/o
debug services
Trace
information
User i/o
server
application
Figure 9
Interactive debugger architecture
The interactive debugger consists of a host-based symbolic debugger and a target-resident debug-
ging kernel that is configured into the application program on an ST20 processor.
The interactive debugger provides the following features:–
A break point facility that can be used on particular threads of execution.
A single stepping facility that allows a thread of execution to be single stepped at the source
level or at the assembly code level.
A watch point facility that enables the program to be stopped when variables are to be written
to or read from.
A facility to find the threads of execution of a program and set break points on them.
A stack trace facility.
A facility to monitor the creation of threads of execution.
Commands to print the values of variables and display memory.
Commands to modify variables and memory at run time.
A simple interpreter to enable C aggregate types (i.e. structures and arrays) to be displayed.
A programmable command language that allows complex break points and watch points to
be set and enables debugging scripts to be generated.
A source and object browser to select a process, a thread and source code.
An interface to the real-time operating system for dynamic code loading and thread creation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com