Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-SWC Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST20-SWC
Description  ST20 software development and debugging tools
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-SWC Datasheet(HTML) 1 Page - STMicroelectronics

  ST20-SWC Datasheet HTML 1Page - STMicroelectronics ST20-SWC Datasheet HTML 2Page - STMicroelectronics ST20-SWC Datasheet HTML 3Page - STMicroelectronics ST20-SWC Datasheet HTML 4Page - STMicroelectronics ST20-SWC Datasheet HTML 5Page - STMicroelectronics ST20-SWC Datasheet HTML 6Page - STMicroelectronics ST20-SWC Datasheet HTML 7Page - STMicroelectronics ST20-SWC Datasheet HTML 8Page - STMicroelectronics ST20-SWC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
The information in this datasheet is subject to change
42 1669 01
December 1995
1/21
ST20 TOOLSET
ST20–SWC
ST20 software development and debugging tools
PRODUCT INFORMATION
Inquest
File
Execution E vents Variables
O ptions W indow H elp
Program : C :\INQUEST\EXAMPLES\APP_C\APP .BTL
C:\INQUEST\EXAMPLES\APP_C\control.c
30
31
32
33
34
35
36
37
38
do
{
printf(”Please type n : ”);
} while (scanf(”%d”, &n) !=1);
return (n);
}
void close_down (Channel *in, Channel *o
Continue
Interrupt
Step
Next
Step Out
Step T o
Break
Watch
Delete
Print
Jump
Print *
Locate
Last Evt
FEATURES
ANSI C compiler (X3.159-1989).
Excellent compile time diagnostics.
Global and local optimization.
Assembler inserts and stand alone assembler.
Support for EPROM programming.
Support for placing code and data in user specified
memory locations.
Support for dynamically loading programs and
functions.
Small runtime overhead.
Cross-development from PC and Sun-4 platforms.
Support for trap and interrupt handlers.
INQUEST Interactive and post-mortem debugging:–
Windowing interface using X Windows or Windows.
Programmable command language.
Source code or assembly code view.
Stack trace-back facility.
Variable and Memory display facility.
C expression interpreter.
INQUEST Interactive debugging:–
Process and thread break points.
Single stepping of threads.
Read/Write/Access watch point capability.
Facilities to interrupt and find threads.
Performance analysis tools:–
Analysis of time spent in each function.
Analysis of block execution frequency.
Analysis of processor idle time.
Analysis of processor utilization.
DESCRIPTION
The ST20 ANSI C Toolset provides a complete high
quality software development environment for the ST20
microcontroller and microprocessor. The compiler
supports the full ANSI C language definition and
includes both local and global optimizing features.
Embedded application support is provided by both
configuration and symbol map utilities.
An
interactive windowing debugger provides single
stepping, breakpoints, watchpoints and many other
features for debugging sequential and multi-tasking
programs.
Execution profilers give various post-mortem
statistical analyses of the execution of a program.
Inquest - Browser
app main : running
app control: stopped at #8001130d
app sum: chan-waiting
FAreg: 0.000000 FBreg: 0.000000 FCreg: 0.000000
Processes
app feed: chan-waiting
Inquest - Cmdline
32 >
3 1 app main : breakpoint 6 at <app.c 26 0>
0 0 > continue
0 0 > interrupt
3 2 app control : interrupted at #8001130d


Similar Part No. - ST20-SWC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST20-SWC STMICROELECTRONICS-ST20-SWC Datasheet
70Kb / 6P
C preprocessor for ST20 and T4/T8 transputers
Sep-1996
ST20-SWC++/PC STMICROELECTRONICS-ST20-SWC++/PC Datasheet
70Kb / 6P
C preprocessor for ST20 and T4/T8 transputers
Sep-1996
ST20-SWC++/SUN STMICROELECTRONICS-ST20-SWC++/SUN Datasheet
70Kb / 6P
C preprocessor for ST20 and T4/T8 transputers
Sep-1996
ST20-SWC++PC STMICROELECTRONICS-ST20-SWC++PC Datasheet
70Kb / 6P
C preprocessor for ST20 and T4/T8 transputers
Sep-1996
ST20-SWC++SUN STMICROELECTRONICS-ST20-SWC++SUN Datasheet
70Kb / 6P
C preprocessor for ST20 and T4/T8 transputers
Sep-1996
More results

Similar Description - ST20-SWC

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
CALISTO-BCM1500 BOARDCOM-CALISTO-BCM1500 Datasheet
685Kb / 2P
SOFTWARE DEVELOPMENT KIT
BCM1600-BTE BOARDCOM-BCM1600-BTE Datasheet
437Kb / 2P
BTE-AUDIO SOFTWARE AND DEVELOPMENT ENVIRONMENT
logo
Microchip Technology
MPLABXC8 MICROCHIP-MPLABXC8 Datasheet
5Mb / 12P
Integrated Development Environment and Software Tools
Spring 2012
MA180016 MICROCHIP-MA180016 Datasheet
104Kb / 2P
PIC18F Development Tools
12/06
MA180016 MICROCHIP-MA180016 Datasheet
104Kb / 2P
PIC18F Development Tools
12/06
logo
Analog Devices
VDSP-BLKFN-PC-FULL AD-VDSP-BLKFN-PC-FULL Datasheet
1Mb / 4P
VisualDSP Development and Debugging Environment
logo
STMicroelectronics
STREALIZER-II STMICROELECTRONICS-STREALIZER-II Datasheet
50Kb / 4P
STREALIZER-II development software
12-Nov-2010
UM1928 STMICROELECTRONICS-UM1928 Datasheet
1Mb / 22P
Getting started with STM32L476G discovery kit software development tools
04-Aug-2015
logo
NXP Semiconductors
CODEWARRIORPRDS NXP-CODEWARRIORPRDS Datasheet
416Kb / 9P
Development Tools
REV 0
DS91516A NXP-DS91516A Datasheet
2Mb / 6P
Embedded Systems Development Tools
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com