Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF06TBR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STCF06TBR
Description  1.5 A white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF06TBR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STCF06TBR Datasheet HTML 13Page - STMicroelectronics STCF06TBR Datasheet HTML 14Page - STMicroelectronics STCF06TBR Datasheet HTML 15Page - STMicroelectronics STCF06TBR Datasheet HTML 16Page - STMicroelectronics STCF06TBR Datasheet HTML 17Page - STMicroelectronics STCF06TBR Datasheet HTML 18Page - STMicroelectronics STCF06TBR Datasheet HTML 19Page - STMicroelectronics STCF06TBR Datasheet HTML 20Page - STMicroelectronics STCF06TBR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
I²C bus interface
STCF06
17/33
8
I²C bus interface
Data transmission from the main µP to STCF06 and vice versa takes place through the 2 I²C
bus interface wires, consisting of the two lines SDA and SCL (pull-up resistors to a positive
supply voltage must be externally connected). The recommended maximum voltage of
these signals should be 3.0 V.
8.1
Data validity
As shown in Figure 4, the data on the SDA line must be stable during the high period of the
clock. The HIGH and LOW state of the data line can only change when the clock signal on
the SCL line is LOW.
8.2
Start and stop conditions
Both DATA and CLOCK lines remain HIGH when the bus is not busy. As shown in Figure 5 a
start condition is a HIGH to LOW transition of the SDA line while SCL is HIGH. The stop
condition is a LOW to HIGH transition of the SDA line while SCL is HIGH. A STOP condition
must be sent before each START condition.
Figure 4.
Data validity on the I²C bus
Figure 5.
Timing diagram on I²C bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com