Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF06TBR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STCF06TBR
Description  1.5 A white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF06TBR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STCF06TBR Datasheet HTML 19Page - STMicroelectronics STCF06TBR Datasheet HTML 20Page - STMicroelectronics STCF06TBR Datasheet HTML 21Page - STMicroelectronics STCF06TBR Datasheet HTML 22Page - STMicroelectronics STCF06TBR Datasheet HTML 23Page - STMicroelectronics STCF06TBR Datasheet HTML 24Page - STMicroelectronics STCF06TBR Datasheet HTML 25Page - STMicroelectronics STCF06TBR Datasheet HTML 26Page - STMicroelectronics STCF06TBR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Description of internal registers
STCF06
23/33
9.5
FTIM_0~3
This 4-bits register defines the maximum flash duration. It is intended to limit the energy
dissipated by the LED to a maximum safe value or to leave to the STCF06 the control of the
flash duration during normal operation. Values from 0~15 correspond to 0 ~ 1.5 s (100 ms
steps). The timing accuracy is related to the internal oscillator frequency that clocks the
flash time counter (+/- 20 %). Entering flash mode (either by soft or hard triggering) activates
the flash time counter, which begins counting down from the value loaded in the F_TIM
register. When the counter reaches zero, flash mode is stopped by resetting TRIG_EN bit,
and simultaneously the ATN pin is set to true (LOW) to alert the µP that the maximum time
has been reached. FTIM value remains unaltered at the end of the count.
9.6
TDIM_0~3
These 4 bits define the LED current in torch mode with 16 values fitting an exponential law.
Max torch current value is 25% of max flash current. (Figure 12)
9.7
FDIM_0~3
These 4 bits define the LED current in flash mode with 16 values fitting an exponential law.
The Max value of the current is set by the external resistors RFL and RTR. (Figure 12)
Note:
LED current values refer to RFL=0.15 Ω, RTR=1.0 Ω
Table 11. Dimming register
DIM_REG
(write mode)
MSB
LSB
SUB ADD=01
TDIM_3
TDIM_2
TDIM_1
TDIM_0
FDIM_3
FDIM_2
FDIM_1
FDIM_0
Power-ON, SHUTDOWN
MODE
RESET Value
0000
0000
Figure 12.
Flash and torch current vs. dimming value
0
200
400
600
800
1000
1200
1400
1600
02
4
6
8
10
12
14
16
18
dimming value
Torch current
Flash current
0
200
400
600
800
1000
1200
1400
1600
02
4
6
8
10
12
14
16
18
dimming value
Torch current
Flash current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com