Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF06TBR Datasheet(PDF) 27 Page - STMicroelectronics

Part # STCF06TBR
Description  1.5 A white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF06TBR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STCF06TBR Datasheet HTML 23Page - STMicroelectronics STCF06TBR Datasheet HTML 24Page - STMicroelectronics STCF06TBR Datasheet HTML 25Page - STMicroelectronics STCF06TBR Datasheet HTML 26Page - STMicroelectronics STCF06TBR Datasheet HTML 27Page - STMicroelectronics STCF06TBR Datasheet HTML 28Page - STMicroelectronics STCF06TBR Datasheet HTML 29Page - STMicroelectronics STCF06TBR Datasheet HTML 30Page - STMicroelectronics STCF06TBR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Typical performance characteristics
STCF06
27/33
10
Typical performance characteristics
Figure 14. Efficiency vs VBAT flash mode
Figure 15. Efficiency vs VBAT, torch mode
Figure 16. Maximum output current vs VBAT
Figure 17. Flash current vs temperature
Figure 18. Input current vs VBAT
Figure 19. Input current vs VBAT
50.00
55.00
60.00
65.00
70.00
75.00
80.00
85.00
90.00
2.5
3
3.5
4
4.5
5
5.5
V
BAT [V]
I
O = 1 A
I
O = 1.5 A
V
LED = 3.75 V
50.00
55.00
60.00
65.00
70.00
75.00
80.00
85.00
90.00
2.5
3
3.5
4
4.5
5
5.5
V
BAT [V]
I
O = 1 A
I
O = 1.5 A
V
LED = 3.75 V
20
30
40
50
60
70
80
90
2.5
3
3.5
4
4.5
5
5.5
V
BAT [V]
I
LED = 30 mA
I
LED = 165 mA
I
LED = 370 mA
V
LED = 3 V
20
30
40
50
60
70
80
90
2.5
3
3.5
4
4.5
5
5.5
V
BAT [V]
I
LED = 30 mA
I
LED = 165 mA
I
LED = 370 mA
V
LED = 3 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.5
3
3.5
4
4.5
5
5.5
V
BAT [V]
V
LED = 3.75 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.5
3
3.5
4
4.5
5
5.5
V
BAT [V]
V
LED = 3.75 V
1.46
1.47
1.48
1.49
1.5
1.51
1.52
1.53
1.54
-55
-35
-15
5
25
45
65
85
TEMP [°C]
V
BAT = 3.6 V
1.46
1.47
1.48
1.49
1.5
1.51
1.52
1.53
1.54
-55
-35
-15
5
25
45
65
85
TEMP [°C]
V
BAT = 3.6 V
0
0.5
1
1.5
2
2.5
3
2.5
3
3.5
4
4.5
5
5.5
V
BAT [V]
I
LED = 1 A
I
LED = 1.3 A
I
LED = 1.5 A
V
LED = 3.75 V
0
0.5
1
1.5
2
2.5
3
2.5
3
3.5
4
4.5
5
5.5
V
BAT [V]
I
LED = 1 A
I
LED = 1.3 A
I
LED = 1.5 A
V
LED = 3.75 V
0.5
1
1.5
2
2.5
3
2.5
3
3.5
4
4.5
5
5.5
V
LED = 3.8 V
V
LED = 4 V
V
BAT [V]
I
LED = 1 A
0.5
1
1.5
2
2.5
3
2.5
3
3.5
4
4.5
5
5.5
V
LED = 3.8 V
V
LED = 4 V
V
BAT [V]
I
LED = 1 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com