Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8R04G Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH8R04G
Description  Ultrafast recovery diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R04G Datasheet(HTML) 1 Page - STMicroelectronics

  STTH8R04G Datasheet HTML 1Page - STMicroelectronics STTH8R04G Datasheet HTML 2Page - STMicroelectronics STTH8R04G Datasheet HTML 3Page - STMicroelectronics STTH8R04G Datasheet HTML 4Page - STMicroelectronics STTH8R04G Datasheet HTML 5Page - STMicroelectronics STTH8R04G Datasheet HTML 6Page - STMicroelectronics STTH8R04G Datasheet HTML 7Page - STMicroelectronics STTH8R04G Datasheet HTML 8Page - STMicroelectronics STTH8R04G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
March 2007
Rev 1
1/11
STTH8R04
Ultrafast recovery diode
Main product characteristics
Features and benefits
■ Very low switching losses
■ High frequency and high pulsed current
operation
■ High junction temperature
■ Insulated packages
– TO-220AC Ins
Electrical insulation = 2500 V RMS
Capacitance = 7 pF
– TO-220FPAC
Electrical insulation = 1500 V RMS
Capacitance = 12 pF
Description
The STTH8R04 series uses ST's new 400 V
planar Pt doping technology. The STTH8R04 is
specially suited for switching mode base drive and
transistor circuits.
Packaged in through-the-hole and surface mount
packages, this device is intended for use in low
voltage, high frequency inverters, free wheeling
and polarity protection.
Order codes
IF(AV)
8 A
VRRM
400 V
Tj (max)
175° C
VF (typ)
0.9 V
trr (typ)
25 ns
Part Number
Marking
STTH8R04D
STTH8R04D
STTH8R04DI
STTH8R04DI
STTH8R04FP
STTH8R04FP
STTH8R04G
STTH8R04G
STTH8R04G-TR
STTH8R04G
K
A
K
K
A
K
A
K
A
NC
K
A
TO-220AC
STTH8R04D
TO-220FPAC
STTH8R04FP
D2PAK
STTH8R04G
TO-220AC Ins
STTH8R04DI
www.st.com


Similar Part No. - STTH8R04G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STTH8R04G ISC-STTH8R04G Datasheet
402Kb / 3P
Ultrafast Recovery Diode
More results

Similar Description - STTH8R04G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
STTH2002 STMICROELECTRONICS-STTH2002 Datasheet
119Kb / 10P
Ultrafast recovery diode
03-May-2006
logo
Sanken electric
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
Ultrafast Recovery Diode
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
Ultrafast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com