Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8R04G Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH8R04G
Description  Ultrafast recovery diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R04G Datasheet(HTML) 3 Page - STMicroelectronics

  STTH8R04G Datasheet HTML 1Page - STMicroelectronics STTH8R04G Datasheet HTML 2Page - STMicroelectronics STTH8R04G Datasheet HTML 3Page - STMicroelectronics STTH8R04G Datasheet HTML 4Page - STMicroelectronics STTH8R04G Datasheet HTML 5Page - STMicroelectronics STTH8R04G Datasheet HTML 6Page - STMicroelectronics STTH8R04G Datasheet HTML 7Page - STMicroelectronics STTH8R04G Datasheet HTML 8Page - STMicroelectronics STTH8R04G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STTH8R04
Characteristics
3/11
Table 4.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
trr
Reverse recovery time
IF = 1 A, dIF/dt = -50 A/µs,
VR = 30 V, Tj = 25° C
35
50
ns
IF = 1 A, dIF/dt = -100 A/µs,
VR = 30 V, Tj = 25° C
25
35
IRM
Reverse recovery current
IF = 8 A, dIF/dt = -200 A/µs,
VR = 320 V, Tj = 125° C
5.5
8
A
S
Softness factor
IF = 8 A, dIF/dt = -200 A/µs,
VR = 320 V, Tj = 125° C
0.4
tfr
Forward recovery time
IF = 8 A, dIF/dt = 100 A/µs
VFR = 1.1 x VFmax, Tj = 25° C
150
ns
VFP
Forward recovery voltage
IF = 8 A, dIF/dt = 100 A/µs
2.9
V
Figure 1.
Conduction losses versus
average current
Figure 2.
Forward voltage drop versus
forward current
0
1
2
3
4
5
6
7
8
9
10
11
12
13
01
234
5
6
789
10
11
P(W)
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
T
δ=tp/T
tp
IF(AV)(A)
0
20
40
60
80
100
120
140
160
180
200
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
I
FM(A)
T
J=150°C
(Maximum values)
T
J=150°C
(Maximum values)
T
J=150°C
(Typical values)
T
J=150°C
(Typical values)
T
J=25°C
(Maximum values)
T
J=25°C
(Maximum values)
VFM(V)
Figure 3.
Relative variation of thermal
impedance junction to case
versus pulse duration
Figure 4.
Relative variation of thermal
impedance junction to case versus
pulse duration TO-220FPAB
0.1
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Zth
(j-c)/Rth(j-c)
Single pulse
TO-220AC
TO-220AC Ins
D²PAK
tp(s)
0.0
0.1
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Zth
(j-c)/Rth(j-c)
Single pulse
TO-220FPAB
tp(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com