Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8R04G Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH8R04G
Description  Ultrafast recovery diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R04G Datasheet(HTML) 4 Page - STMicroelectronics

  STTH8R04G Datasheet HTML 1Page - STMicroelectronics STTH8R04G Datasheet HTML 2Page - STMicroelectronics STTH8R04G Datasheet HTML 3Page - STMicroelectronics STTH8R04G Datasheet HTML 4Page - STMicroelectronics STTH8R04G Datasheet HTML 5Page - STMicroelectronics STTH8R04G Datasheet HTML 6Page - STMicroelectronics STTH8R04G Datasheet HTML 7Page - STMicroelectronics STTH8R04G Datasheet HTML 8Page - STMicroelectronics STTH8R04G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
STTH8R04
4/11
Figure 5.
Peak reverse recovery current
versus dIF/dt (typical values)
Figure 6.
Reverse recovery time versus
dIF/dt (typical values)
0
1
2
3
4
5
6
7
8
9
10
11
12
10
100
1000
I
RM(A)
I
F= 8 A
V
R=320 V
T
j=125 °C
T
j=25 °C
dIF/dt(A/µs)
0
20
40
60
80
100
120
140
10
100
1000
t
RR(ns)
I
F= 8 A
V
R=320 V
T
j=125 °C
T
j=25 °C
dIF/dt(A/µs)
Figure 7.
Reverse recovery charges versus
dIF/dt (typical values)
Figure 8.
Thermal resistance junction to
ambient versus copper surface
under tab (Epoxy printed circuit
board FR4, eCU=35µm)
0
20
40
60
80
100
120
140
160
180
200
10
100
1000
Q
RR(nC)
I
F= 8 A
V
R=320 V
T
j=125 °C
T
j=25 °C
dIF/dt(A/µs)
0
10
20
30
40
50
60
70
80
0
2
4
6
8
10
12
14
16
18
20
Rth
(j-a)(°C/W)
D²PAK
SCU(cm²)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com