Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST24E16 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST24E16
Description  16 Kbit Serial I2C EEPROM with Extended Addressing
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST24E16 Datasheet(HTML) 1 Page - STMicroelectronics

  ST24E16 Datasheet HTML 1Page - STMicroelectronics ST24E16 Datasheet HTML 2Page - STMicroelectronics ST24E16 Datasheet HTML 3Page - STMicroelectronics ST24E16 Datasheet HTML 4Page - STMicroelectronics ST24E16 Datasheet HTML 5Page - STMicroelectronics ST24E16 Datasheet HTML 6Page - STMicroelectronics ST24E16 Datasheet HTML 7Page - STMicroelectronics ST24E16 Datasheet HTML 8Page - STMicroelectronics ST24E16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ST24E16
ST25E16
16 Kbit Serial I
2C EEPROM with Extended Addressing
February 1999
1/16
AI01102B
3
E0-E2
SDA
VCC
ST24E16
ST25E16
WC
SCL
VSS
Figure 1. Logic Diagram
COMPATIBLE with I2C EXTENDED
ADDRESSING
TWO WIRE SERIAL INTERFACE,
SUPPORTS 400kHz PROTOCOL
1 MILLION ERASE/WRITE CYCLES, OVER
the FULL SUPPLY VOLTAGE RANGE
40 YEARS DATA RETENTION
SINGLE SUPPLY VOLTAGE
– 4.5V to 5.5V for ST24E16 version
– 2.5V to 5.5V for ST25E16 version
WRITE CONTROL FEATURE
BYTE and PAGE WRITE (up to 16 BYTES)
BYTE, RANDOM and SEQUENTIAL READ
MODES
SELF TIMED PROGRAMING CYCLE
AUTOMATIC ADDRESS INCREMENTING
ENHANCED ESD/LATCH UP
PERFORMANCES
DESCRIPTION
The ST24/25E16 are 16 Kbit electrically erasable
programmable memories (EEPROM), organized
as 8 blocks of 256 x8 bits. It is manufactured in
STMicroelectronics’s Hi-Endurance Advanced
CMOS technology which guarantees an endur-
ance of one million erase/write cycles over the full
supply voltage range, and a data retention of over
40 years. The ST25E16 operates with a power
supply value as low as 2.5V.
E0 - E2
Chip Enable Inputs
SDA
Serial Data Address Input/Output
SCL
Serial Clock
WC
Write Control
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
8
1
SO8 (M)
150mil Width
8
1
PSDIP8 (B)
0.25mm Frame


Similar Part No. - ST24E16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24E32 STMICROELECTRONICS-ST24E32 Datasheet
723Kb / 15P
32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST24E32B1TR STMICROELECTRONICS-ST24E32B1TR Datasheet
723Kb / 15P
32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST24E32B3TR STMICROELECTRONICS-ST24E32B3TR Datasheet
723Kb / 15P
32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST24E32B6TR STMICROELECTRONICS-ST24E32B6TR Datasheet
723Kb / 15P
32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST24E32M1TR STMICROELECTRONICS-ST24E32M1TR Datasheet
723Kb / 15P
32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
More results

Similar Description - ST24E16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24164 STMICROELECTRONICS-M24164 Datasheet
135Kb / 21P
16 Kbit Serial I2C BUS EEPROM
23-Oct-2001
ST24C16 STMICROELECTRONICS-ST24C16 Datasheet
126Kb / 17P
16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Feb-1999
ST24E64 STMICROELECTRONICS-ST24E64 Datasheet
124Kb / 16P
SERIAL EXTENDED ADDRESSING COMPATIBLE WITH I2C BUS 64K (8K x 8) EEPROM
Nov-1996
ST24E32 STMICROELECTRONICS-ST24E32 Datasheet
723Kb / 15P
32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
logo
Integrated Silicon Solu...
IS23SC1604 ISSI-IS23SC1604 Datasheet
77Kb / 18P
16-KBIT SECURED SERIAL EEPROM
logo
STMicroelectronics
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
128-Kbit serial I2C bus EEPROM
04-Apr-2013
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
64-Kbit serial I2C bus EEPROM
28-Aug-2012
logo
Microchip Technology
24AA64 MICROCHIP-24AA64_V01 Datasheet
735Kb / 51P
64-Kbit I2C Serial EEPROM
09/14/21
24LC16B MICROCHIP-24LC16B_V01 Datasheet
355Kb / 24P
16-Kbit I2C Serial EEPROM High Temp Data Sheet
Rev B April 2022
logo
STMicroelectronics
M24C16-W STMICROELECTRONICS-M24C16-W Datasheet
654Kb / 40P
16-Kbit serial I2C bus EEPROM
12-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com