Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3917 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST3917
Description  SPEECH - TONE/PULSE DIALER - LED INDICATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3917 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST3917 Datasheet HTML 5Page - STMicroelectronics ST3917 Datasheet HTML 6Page - STMicroelectronics ST3917 Datasheet HTML 7Page - STMicroelectronics ST3917 Datasheet HTML 8Page - STMicroelectronics ST3917 Datasheet HTML 9Page - STMicroelectronics ST3917 Datasheet HTML 10Page - STMicroelectronics ST3917 Datasheet HTML 11Page - STMicroelectronics ST3917 Datasheet HTML 12Page - STMicroelectronics ST3917 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Led Indicator / Tone Mode Indication
When the MU/MFI (Pin 24) is connected to any row
of the keypad input, the LED connected to Pin 15
(LED) becomes a Tone mode indicator.
The LED indicator is used in the following conditions :
- At Tone mode, LED will light up at off-hook. The
LED will turn off only when the telephone goes
on-hook.
Example : Tone mode
OFF-HOOK (LED turns on) <TONE> D1, D2, D3
ON-HOOK (LED turns off)
OFF-HOOK (LED turns on) <TONE> LND
ON-HOOK (LED turns off)
- At Pulse mode after off-hook, LED is off during
pulse dialing. When dialing is followed by the ”*”
or ”TONE” softswitch key depressed, the LED will
light up immediately at the softswitch after pulse
dialing is completed to indicate the signalling
mode change from pulse to tone.
After returning to on-hook and back to off-hook,
the device will be in pulse mode and then LED is
turned off. Redialing from LND memory buffer will
repeat the softswitch, i.e. mixed mode redialing,
the LED will light up to indicate the switch to tone
mode or tone dialing. The LED will turn off only
when the telephone goes on-hook or is reset by
the Flash key
Examples : Pulse mode
a) OFF-HOOK (LED is off) <Pulse> D1, D2
(LED remains off),”*” <Tone> (LED turns on),
D3, D4
ON-HOOK or Flash (LED turns off)
b) OFF-HOOK (LED is off) <Pulse> LND
<Pulse> D1, D2 (LED remains off), ”*” <Tone>
(LED turns on) D3, D4,
ON-HOOK or Flash (LED turns off)
- At Pulse mode, after off-hook, LED is off during
pulse dialing. When switching the Tone/Pulse me-
chanical switch to Tone mode, LED will turn on.
Example : Pulse mode
OFF-HOOK (LED is off) <Pulse> D1, D2 Switch
”Tone/Pulse” mechanical switch to Tone mode
(LED turns on) <Tone> D3, D4,
ON-HOOK (LED turns off)
The function of the LED for Tone mode indicator is
described in the timing waveform in Figures 2, 3, 4
and 5.
DEVICE OPERATION (continued)
Ke ybo a rd
Sc a n
DTMF
Outpu t
(P in 17)
P ULS E
Outpu t
LED
Ke ybo a rd
Inp ut
ON
OFF
ON
Tflas h
3
3
3
KE YBOAR D S CAN
1
FLAS H
*
3
ENTE R
ENTER
E NTER
ENTER
Dial Se que nc e
1
* FLASH 3
3 : De bounce Time
Figure 2 : Tone Mode Timing with Lighted Dial LED (Pin 24 to VDD or GND)
ST3917A - ST3917B
9/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com