Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3917 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST3917
Description  SPEECH - TONE/PULSE DIALER - LED INDICATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3917 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST3917 Datasheet HTML 2Page - STMicroelectronics ST3917 Datasheet HTML 3Page - STMicroelectronics ST3917 Datasheet HTML 4Page - STMicroelectronics ST3917 Datasheet HTML 5Page - STMicroelectronics ST3917 Datasheet HTML 6Page - STMicroelectronics ST3917 Datasheet HTML 7Page - STMicroelectronics ST3917 Datasheet HTML 8Page - STMicroelectronics ST3917 Datasheet HTML 9Page - STMicroelectronics ST3917 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VLN
Positive Line Voltage Continuous
12
V
ILN
Line Current
140
mA
VDD
Logic Voltage
7V
VI
Maximum Voltage
on PULSE, SEL, HKS, MODE, Ri, Ci, MU/MFI and OSC Pins
GND(-0.3) VDD(+0.3)
V
Toper
Operating Temperature
-25, +70
°C
Tstg
Storage Temperature
-40, +125
°C
Ptot
Total Power Dissipation
700
mW
ELECTRICAL CHARACTERISTICS
(ILN = 10mA to 120mA, f = 1kHz, Tamb =25
°C, VDD = 3V ; unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VLN
Line Voltage (see Figure 6)
ILN = 4mA
ILN = 15mA
ILN = 120mA
ILN = 15mA, RA = 68k
Ω
ILN = 15mA, RB = 39k
Ω
3.15
2.60
3.60
3.50
3.20
4.10
2.70
3.85
7.00
3.70
4.70
V
V
V
V
V
VDD
Logic Voltage (see Figure 6)
Tone mode
Pulse mode
2.50
2.00
6.00
6.00
V
V
IDD
Supply Current into VDD (see Figure 6)
VDD = 3V
Tone mode
Pulse mode
600
300
900
600
µA
µA
ICC
Supply Current into VCC (see Figure 6)
ILN = 15mA
1.3
mA
ILED
Supply Current to LED (see Figure 6)
ILN = 10 - 20mA
ILN = 20 - 120mA
10
ILN-
ICC
24
mA
mA
VMR
Memory Retention Voltage (see Figure 7) VDD = 3V
1.5
V
IMR
Memory Retention Current (see Figure 7) VDD =3V
1
µA
IS
Off-Hook Standby Current (see Figure 6) VDD = 3V
100
250
µA
IPL
Pulse Output Sink Current (see Figure 6) VOUT = 0.5V
1
3
mA
IPO
Pacifier Tone Sink/Source Current
(see Figure 6)
VOUT = 0.5V(Sink)
VOUT = 2.5V(Source)
1.00
0.60
3.00
1.00
mA
mA
VIL
HKS, Mode, Keyboard Inputs Low
0.3xVDD
V
VIH
HKS, Mode, Keyboard Inputs High
0.7xVDD
V
GTX
Transmit Gain (see Figure 9)
VMIC = 2mVRMS
ILN = 15mA, RGTX = 68k
Ω
ILN = 60mA, RGTX = 68k
Ω
49.5
43
51
45
52.5
47
dB
dB
AGTX
Transmit Gain Variation (see Figure 9)
ILN = 15mA,
VMIC = 2mVRMS
RGTX = 43k
Ω
RGTX = 27k
Ω
-8
-4
-8
0dB
dB
dB
DTX
Transmit Distortion (see Figure 9)
ILN = 15mA, VLN =1VRMS
2%
NTX
Transmit Noise (see Figure 9)
ILN = 15mA, VMIC = 0V
-72
dBmp
ZMIC
Microphone Input Impedance
(see Figure 8)
50
64
80
k
Ω
GDTMF
DTMF Gain (see Figure 10)
RDTMF = 2.25k
Ω,
CDTMF = 22nF
37
39
41
dB
CDTMF
DTMF Confidence Tone Attenuation
(see Figure 10)
-34
-31.5
-29
dB
VDTMF
DTMF level on the line (see Figure 10)
High Frequency Group
Low Frequency Group
RDTMF = 2.25k
Ω,
CDTMF = 22nF
-8
-10
-6
-8
-4
-6
dBm
dBm
PEI
Pre-emphasis (see Figure 10)
1
2
3
dB
DIS
DTMF Output Distortion (see Figure 10)
5
8
%
ST3917A - ST3917B
6/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com