Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3917 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST3917
Description  SPEECH - TONE/PULSE DIALER - LED INDICATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3917 Datasheet(HTML) 2 Page - STMicroelectronics

  ST3917 Datasheet HTML 1Page - STMicroelectronics ST3917 Datasheet HTML 2Page - STMicroelectronics ST3917 Datasheet HTML 3Page - STMicroelectronics ST3917 Datasheet HTML 4Page - STMicroelectronics ST3917 Datasheet HTML 5Page - STMicroelectronics ST3917 Datasheet HTML 6Page - STMicroelectronics ST3917 Datasheet HTML 7Page - STMicroelectronics ST3917 Datasheet HTML 8Page - STMicroelectronics ST3917 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PULSE
R1
R2
R3
R4
MU/MFI
MIC+
1
2
3
4
5
6
7
8
9
10
28
27
26
25
24
23
22
21
20
19
MIC-
GTX
C1
C2
C3
MODE/PT
OSC
SEL
HKS
RXOUT
GND
V
DD
GDTMF
11
12
13
14
18
17
16
15
GRX
RXIN
I
REF
V
CC
LN
ILINE
LED
REG
PIN CONNECTIONS
PIN DESCRIPTION
C1, C2, C3, R4, R3, R2, R1
(Keyboard inputs, Pins 1, 2, 3, 25, 26, 27, 28)
The device interfaces with either the standard 2 of
8 with negative common or the single contact
(Form A) keyboard. Column 4 of the keypad is
connecting to ground.
A valid keypad entry is either a single Row con-
nected to a single Column or GND simultaneously
presented to both a single Row and a single Col-
umn. In its quiescent or standby state, during nor-
mal off-hook operation, the Rows are initialized at
logic level 1 (VDD) and the columns are initialized
at logic level 0 (GND). Pulling any row input low
enables the on chip oscillator. Keyboard scanning
then begins.
123
456
789
*
0#
Flas h
Tone /P ulse
Paus e
LND
Figure 1 : Keyboard Configuration
Scanning consists of Rows and Columns alter-
nately switching high through on chip pullups. After
both a Row and Column keys have been detected,
the debounce counter is enabled and any noise
(bouncing contacts, etc) is ignored for a debounce
period (TKD) of 32ms. At this time, the keyboard is
sampled and if both the Row and Column informa-
tion are valid, the information is buffered into the
LND location.
In the tone mode, if two or more keys in the same
row or if two or more keys in the same column are
depressed a single tone will be output. The tone
will correspond to the common row or common
column for which the two keys were pushed. This
feature is for test purposes, and single tone will not
be redialed. Also in the tone mode, the output tone
is continuous in the manual dialing as long as the
key is pushed. The output tone duration follows the
Table 1. When redialing in the tone mode, each
DTMF output is 90ms duration, and the tone sepa-
ration (inter signal delay) is 90ms.
Table 1 : Output Tone Duration
Key Push Time, T
Tone Output
T < 32ms
32ms < T < 90ms + Tkd
T > 90 ms + Tkd
No output, ignored by the device
90ms duration
Output duration = T - tkd
ST3917A - ST3917B
2/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com