Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA166XH1 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST40RA166XH1
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH1 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST40RA166XH1 Datasheet HTML 33Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 34Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 35Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 36Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 37Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 38Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 39Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 40Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 94 page
background image
6 Clock generation
ST40RA
37/94
STMicroelectronics
ADCS 7260755H
6.4.1
Programming the PLL output frequency
The three dividers used within the PLL are referred to as M (predivider), N (feedback divider) and P
(postdivider) for brevity. Note that there is a divide-by-2 fixed prescaler before the feedback divider.
The binary values applied to the programmable dividers, and the frequency of CLOCKIN controls
the output frequency of the PLL macrocell:
where the values of M, N and P must satisfy the following constraints:
q
Divider limits:
,
q
Phase comparator limits:
,
q
VCO limit:
,
q
M divider limit:
.
For example, if 300 MHz from an input clock of 33 MHz is to be generated, the values of M, N and
P are worked out as below.
1
The phase comparator must operate between 1 MHz and 2 MHz, so choose M = 22 (for
1.5 MHz operation).
2
The VCO needs to run between 200 MHz and 622 MHz. It could be run at 300 MHz directly
(which takes a little less current), or at 600 MHz then divide by 2 to ensure an exact 50% duty
cycle. In this example 600 MHz is chosen so N = 200.
3
The postdivider then needs to be a divide by 2. This is programmed in powers of 2, so P = 1.
The P divider changes value without glitching of the output clock.
6.4.2
Changing clock frequency
The clock frequencies are changed in two ways.
q
Change the core PLL frequencies.
The PLL must be stopped, the control register reconfigured with the new settings, and the PLL
restarted at the new frequency.
q
Change the frequency division ratio of the clock domains.
The control registers are changed dynamically and the new frequencies are effective
immediately.
6.4.3
Changing the core PLL frequencies
This procedure applies to either CLOCKGENA or CLOCKGENB and to PLL1 or PLL2.
1
Stop the PLL. The CLOCKGENA.PLL1CR2.STBPLLENSEL register selects whether the PLL
is enabled by the CLOCKGENA.PLL1CR2.STBPLLEN or the CPG.FRQCR.PLL1EN register.
2
Reconfigure the PLL. Set the CLOCKGENA.PLL1CR1 register to one of the supported
configurations on the datasheet.
3
Restart the PLL, following the procedure described in the
ST40 System Architecture Volume 1:
System.
F clockout
()
2N
×
M2P
×
------------------
F clockin
()
×
=
1
M
255 1
N
255 0
P
5
≤≤
,
≤≤
,
≤≤
1MHz
F clockin
()
M
-----------------------------
2MHz
≤≤
200MHz
2N
×
M
-------------

 F clockin
()
×
622MHz
≤≤
F clockin
() 200MHz·
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com