Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA166XH1 Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST40RA166XH1
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH1 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST40RA166XH1 Datasheet HTML 51Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 52Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 53Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 54Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 55Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 56Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 57Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 58Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 94 page
background image
7 Electrical specifications
ST40RA
55/94
STMicroelectronics
ADCS 7260755H
7.8
PIO AC specifications
Reference clock in this case means the last transition of any PIO output signal within a bus, and
hence is a virtual clock.
Symbol
Parameter
PIO13:0
PIO23:14
Units
Note
Min
Max
Min
Max
tPCHPOV
PIO reference clock high to PIO output valid
-5.5
1
-5.5
1
ns
a
a. No skew guarantee is made between the two separate PIO buses: PIO13:0 and PIO23:14
tPCHWDZ
PIO tri-state after PIO reference clock high
-5
5
-5
5
ns
1
tPIOr
Output rise time
1515
ns
tPIOf
Output fall time
1515
ns
tPIOr
Input rise time
20
5
ns
b
b. Loose input rise and fall times on PIO13:0 bus as these are schmitt trigger inputs.
tPIOf
Input fall time
20
5
ns
2
Table 29: PIO timings
Figure 15: PIO AC timings
PIO reference clock
PIOOUT
tPCHPOV
PIOOUT
tPCHWDZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com