Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA166XH1 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST40RA166XH1
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH1 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST40RA166XH1 Datasheet HTML 39Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 40Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 41Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 42Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 43Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 44Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 45Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 46Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 94 page
background image
7 Electrical specifications
ST40RA
43/94
STMicroelectronics
ADCS 7260755H
7
Electrical specifications
7.1
DC absolute maximum ratings
7.1.1
Fmax clock domains
Symbol
Parameter
Min
Max
Units
Notes
VDDCORE
Core DC supply voltage
2.1
V
a,b
a. Stresses greater than those listed under
Table 20: Absolute maximum ratings may cause
permanent damage to the device. This is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the operating sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended period may effect
reliability.
b. All I/O pins are 3.3 V tolerant except CLKIN, LPCLKIN, CLKOSC and LPCLKOSC.
VDDIO
I/O DC supply voltage
4.0
V
VDDRTC
RTC DC supply voltage
2.1
V
VIO
Voltage on input, output and bidirectional pins.
GND -0.6
VDDIO + 0.6
V
VIORTC
Voltage on input pins on VDDRTC supply
(LPCLKIN, LPCLKOSC)
GND -0.6
VDDRTC + 0.6
V
VIOCLK
Voltage on CLKIN and CLKOSC pins
GND -0.6
VDDCORE + 0.6
V
IO
DC output current
25
mA
TS
Storage temperature (ambient)
-55
125
deg C
TA
Temperature under bias (ambient)
-55
125
deg C
Table 20: Absolute maximum ratings
Function clock
ST40RA200XH6
ST40RA166XH6
ST40RA150XH6
CPU_CLK
200 MHz
166 MHz
150 MHz
STBUS_CLK
100 MHz
111 MHz
100 MHz
PER_CLK
50 MHz
55 MHz
50 MHz
LMI_CLK
133 MHz
100 MHz
100 MHz
EMI_SS_CLK
100 MHz
111 MHz
100 MHz
EMI_EXT
100 MHz
100 MHz
100 MHz
PCI_EXT
66 MHz
66 MHz
66 MHz
Table 21: Fmax clock domains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com