Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6108 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AX6108
Description  Dot Matrix Liquid Crystal Graphic Display Column Driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX6108 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AX6108 Datasheet HTML 9Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 10Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 11Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 12Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 13Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 14Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 15Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 16Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
------------------------------------------------------------------------------------------------------------------------
AX6018 Dot Matrix Liquid Crystal Graphic Display Column Driver
------------------------------------------------------------------------------------------------------------------------
Unused terminals. Don't connect any lines to these terminals.
Open
3
NC
The following registers can be initialized by setting the RST
signal to low level.
1. On/off register 0 set (display off)
2. Display start line register line 0 set (displays from line 0)
After releasing reset, this condition can be changed only by
instruction.
CPU or
external CR
I
1
RST
Liquid crystal display column (segmnet) drive output.
These pins outputs light on level when 1 is in the display RAM,
and light off level when 0 is it.
Relation among output level, M, and display data (D) is as
follows:
M
D
Output
level
1
0
1
0
1
0
V1
V3
V2
V4
Liquid
crystal
display
O
64
Y1 - Y64
2-phase clock signal for internal operation.
The £ p1 and £ p
2 clocks are used to preform operations (I/O
of display data and execution of instructions) other than display.
AX6107
I
2
£ p1, £ p2
Synchronous signal to latch display data. The rising CL signal
increments the disiplay output address counter and latches the
display data.
AX6107
I
1
CL
Display synchronous signal (frame signal).
Presets the 6-bit display line counter and synchronizes the
common signal with the frame timing when the FRM signal
becomes high.
AX6107
I
1
FRM
Switch signal to convert liquid crystal drive wavefojrm into AC.
AX6107
I
1
M
Data bus, three-state I/O common terminal.
MPU
I/O
8
DB1 - DB7
Address control signal to determine the relation between Y
address of display RAM and terminals from which the data is
output.
ADC = High : Y1 : $0, Y64 : $63
ADC = Low : Y64 : $0, Y1 : $63
Vcc/GND
I
1
ADC
Functions
Connected
to
I/O
Number of
Terminals
Terminal
Name
Note : 1 corresponds to high level in positive logic.
ASLIC MICROELECTRONICS CORP.
¸ à
µ Ø
¹ q¤ lª Ñ
¥ ÷
¦ ³
- -
¤ ½
¥ q
Page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com