Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6108 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AX6108
Description  Dot Matrix Liquid Crystal Graphic Display Column Driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX6108 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AX6108 Datasheet HTML 17Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 18Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 19Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 20Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 21Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 22Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 23Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 24Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Display Control Instructions
Outline
Table 2 shows the instructions. Read/write (R/W) signal, data/instruction (D/I) signal, and data bus
signals (DB0 to DB7) are also called instructions because the internal operation depends on the signals
from the MPU.
These explanations are detailed in the following pages. Generally, there are following three kinds of
instructions :
1. Instruction to set addresses in the internal RAM.
2. Instruction to transfer data from/to the internal RAM.
3. Other instructions.
In general use, the second type of instruction is used most frequently. Since Y address of the internal
RAM is increased by 1 automatically after writing (reading) data, the program can be shortened.
During the execution of an instruction, the system cannot accept instructions other than status read
instruction. Send instructions from MPU after making sure that the busy flag is 0, which is proof that
an instruction is not being excuted.
------------------------------------------------------------------------------------------------------------------------
AX6108 Dot Matrix Liquid Crystal Graphic Display Column Driver
------------------------------------------------------------------------------------------------------------------------
¸ à
µ Ø
¹ q¤ lª Ñ
¥ ÷
¦ ³
- -
¤ ½
¥ q
ASLIC MICROELECTRONICS CORP.
Page 21
SALES BY TITRON INTERNATIONAL CORP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com