Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6108 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # AX6108
Description  Dot Matrix Liquid Crystal Graphic Display Column Driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX6108 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button AX6108 Datasheet HTML 23Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 24Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 25Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 26Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 27Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 28Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 29Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 30Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 31Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
------------------------------------------------------------------------------------------------------------------------
AX6108 Dot Matrix Liquid Crystal Graphic Display Column Driver
------------------------------------------------------------------------------------------------------------------------
Use of AX6108
Interface with AX6103 (1/64 duty cycle)
¸ à
µ Ø
¹ q¤ lª Ñ
¥ ÷
¦ ³
- -
¤ ½
¥ q
ASLIC MICROELECTRONICS CORP.
Page 27
SALES BY TITRON INTERNATIONAL CORP.
¡´
Vcc
V1L, V1R
V6L, V6R
V5L, V5R
V2L, V2R
V
GND
EE
X1
X64
Vcc
V1
V6
V5
V2
VEE
¡´
¡´
¡´
¡´
¡´
¡´
¡´
Vcc
Vcc
V1
V2
V3
V4
VEE
Rf
Cf
R
CR
C
COM1
COM64
LCD Panel
64x64 dots
Open
Open
SHL
DS1
DS2
TH
CL1
FS
M/S
FCS
STB
DL
DR
M
CL2
FRM
£
p1
£
p2
Y1
Y64
M
CL
FRM
£
p1
£
p2
Vcc
V1L, V1R
V2L, V2R
V3L, V3R
V4L, V4R
VEE1, EE2
V
GND
AX61202
CPU
-
-
+
+
-
+
-
+
¡´
¡´
¡´
¡´
¡´
¡´
¡´
¡´
¡´
¡´
¡´
¡´
¡´
¡´
¡´
Contrast
R3 V1
R3 V6
R3
V3
R3
V4
R1
R1
R2
R1
R1
R3 V5
R3 V2
V
EE
-10V
R3 = 15£[
ADC
RST
Vcc
External CR
Power supply circuit
AX61203
+5V (Vcc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com