Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSASC Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSASC
Description  30 Watt Encapsulated PCB Mount Single, Dual, and Triple Output AC/DC Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSASC Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSASC Datasheet HTML 1Page - Wall Industries,Inc. PSASC Datasheet HTML 2Page - Wall Industries,Inc. PSASC Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSASC Series
30 Watt
Encapsulated PCB Mount
Single, Dual, and Triple Output
AC/DC Switching Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Input Voltage
Output Voltage
Output Current
Efficiency
PSASC-3.3S
90 –260 VAC
3.3 VDC
6000mA
73%
PSASC-5S
90 –260 VAC
5 VDC
6000mA
77%
PSASC-12S
90 –260 VAC
12 VDC
2500mA
81%
PSASC-15S
90 –260 VAC
15 VDC
2000mA
81%
PSASC-24S
90 –260 VAC
24 VDC
1250mA
80%
PSASC-5D
90 –260 VAC
+5 VDC
- 5 VDC
+3000mA
-3000mA
75%
PSASC-12D
90 –260 VAC
+12 VDC
-12 VDC
+1300mA
-1300mA
80%
PSASC-15D
90 –260 VAC
+15 VDC
-15 VDC
+1000mA
-1000mA
81%
PSASC-5S12S
90 –260 VAC
+5 VDC
+12 VDC
3000mA
1250mA
79%
PSASC-5S12D
90 –260 VAC
+5 VDC
+12 VDC
-12 VDC
3000mA
+630mA
-630mA
80%
PSASC-5S15D
90 –260 VAC
+5 VDC
+15 VDC
-15 VDC
3000
+500mA
-500mA
80%
NOTES
1. Dimensions of the mechanical drawing are shown in millimeters.
2. Weight of the unit is 220 grams
DERATING CURVE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com