Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSASC Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSASC
Description  30 Watt Encapsulated PCB Mount Single, Dual, and Triple Output AC/DC Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSASC Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSASC Datasheet HTML 1Page - Wall Industries,Inc. PSASC Datasheet HTML 2Page - Wall Industries,Inc. PSASC Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSASC Series
30 Watt
Encapsulated PCB Mount
Single, Dual, and Triple Output
AC/DC Switching Power Supply
MECHANICAL DRAWING
PIN CONNECTION
PIN #
SINGLE
DUAL
5S/12S
TRIPLE
1
AC IN (N)
AC IN (N)
AC IN (N)
AC IN (N)
2
AC IN (L)
AC IN (L)
AC IN (L)
AC IN (L)
3
+DC OUT
+DC OUT
+12V
+DC OUT
4
NO PIN
NO PIN
+5V
+5V
5
-DC OUT
COMMON
+12 RTN
COMMON
6
NO PIN
NO PIN
+5 RTN
+5 RTN
7
NO CONNECT
-DC OUT
NO PIN
-DC OUT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com