Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSASC Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSASC
Description  30 Watt Encapsulated PCB Mount Single, Dual, and Triple Output AC/DC Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSASC Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSASC Datasheet HTML 1Page - Wall Industries,Inc. PSASC Datasheet HTML 2Page - Wall Industries,Inc. PSASC Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSASC Series
30 Watt
Encapsulated PCB Mount
Single, Dual, and Triple Output
AC/DC Switching Power Supply
FEATURES
● Built-in EMI Filter
● Approvals: TUV/CE
● Full Range AC Input
● PWM Control Circuit
● DC Output Plug Option
● Low Cost, High Reliability
● Fully Enclosed Plastic Case
● 100% Full Load Burn-in Tested
● 2 Round Pin (Euro Plug-In), Class II
● Overload and Short Circuit Protection
● MTBF > 200,000 Hours per MIL-HDBK-F @ 25°C
SPECIFICATIONS: PSASC Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
90 ~ 260VAC
Input Frequency
47 ~ 440Hz
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power Range
30 Watts max.
Voltage Accuracy
±2%
Line Regulation (LL – HL)
Single & Dual Outputs: ±1%; Triple Output: 5V (±1%), ±12V & ±15V (±5%)
Load Regulation (5% to 100%)
Single Output: ±1%; Dual Output: ±3%; Triple Output: 5V (±2%), ±12V & ±15V (±6%)
Output Current
See Table
Ripple (Vp-p)
0.2% +40mVp-p max.
Noise (Vp-p)
0.5% +50mVp-p max.
Temperature Coefficient
±0.02%/°C
PROTECTION
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
GENERAL SPECIFICATIONS
Switching Frequency
100KHz
Efficiency
See Table
Isolation Voltage (Input to Output)
3000VAC
Isolation Resistance
10GΩ min.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-25°C to +71°C
Storage Temperature
-40°C to +85°C
Cooling
Free air convection
PHYSICAL SPECIFICATIONS
Case Material
P.B.T. + Fiberglass
Weight
220g
Dimensions
3.5(L) x 2.5(W) x 0.98(H) inches (89.0(L) x 63.5(W) x 25.0(H) mm)


Similar Part No. - PSASC

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
PSAS4F2130011TR AMPHENOLCS-PSAS4F2130011TR Datasheet
283Kb / 4P
SAS/PCIe® 4.0 (U.2&U.3) Connectors
PSAS4F213001XXX AMPHENOLCS-PSAS4F213001XXX Datasheet
283Kb / 4P
SAS/PCIe® 4.0 (U.2&U.3) Connectors
PSAS4F213002XXX AMPHENOLCS-PSAS4F213002XXX Datasheet
283Kb / 4P
SAS/PCIe® 4.0 (U.2&U.3) Connectors
PSAS4F2130041TR AMPHENOLCS-PSAS4F2130041TR Datasheet
283Kb / 4P
SAS/PCIe® 4.0 (U.2&U.3) Connectors
PSAS4F213004XXX AMPHENOLCS-PSAS4F213004XXX Datasheet
283Kb / 4P
SAS/PCIe® 4.0 (U.2&U.3) Connectors
More results

Similar Description - PSASC

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM300 ARTESYN-PM300 Datasheet
39Kb / 2P
Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM300CE ARTESYN-PM300CE Datasheet
46Kb / 2P
Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM500 ARTESYN-PM500 Datasheet
65Kb / 3P
Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
PM500CE ARTESYN-PM500CE Datasheet
46Kb / 2P
Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
logo
Wall Industries,Inc.
PSAFC WALL-PSAFC Datasheet
159Kb / 3P
10 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAHC WALL-PSAHC Datasheet
330Kb / 6P
5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAPC WALL-PSAPC Datasheet
171Kb / 3P
5 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
PSAQC60 WALL-PSAQC60 Datasheet
199Kb / 3P
For PCB Mount 60 Watt Single Output AC/DC Switching Power Supply
PSATC WALL-PSATC Datasheet
156Kb / 3P
10 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
DTSPU30 WALL-DTSPU30 Datasheet
150Kb / 3P
30 Watt Single Output AC/DC Desktop Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com