Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5R30U Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST5R30U
Description  MICROPOWER VFM STEP-UP DC/DC CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5R30U Datasheet(HTML) 1 Page - STMicroelectronics

  ST5R30U Datasheet HTML 1Page - STMicroelectronics ST5R30U Datasheet HTML 2Page - STMicroelectronics ST5R30U Datasheet HTML 3Page - STMicroelectronics ST5R30U Datasheet HTML 4Page - STMicroelectronics ST5R30U Datasheet HTML 5Page - STMicroelectronics ST5R30U Datasheet HTML 6Page - STMicroelectronics ST5R30U Datasheet HTML 7Page - STMicroelectronics ST5R30U Datasheet HTML 8Page - STMicroelectronics ST5R30U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
June 2005
I
VERY LOW SUPPLY CURRENT
I
REGULATED OUTPUT VOLTAGE
I
WIDE RANGE OF OUTPUT VOLTAGE
AVAILABLE (2.5V, 2.8V, 3.0V, 3.3V, 5.0V)
I
OUTPUT VOLTAGE ACCURACY ±5%
I
OUTPUT CURRENT UP TO 100mA
I
LOW RIPPLE AND LOW NOISE
I
VERY LOW START-UP VOLTAGE
I
HIGH EFFICIENCY (VOUT = 5V TYP. 87%)
I
FEW EXTERNAL COMPONENTS
I
VERY SMALL PACKAGE: SOT23-5L
DESCRIPTION
The ST5R00 is an high efficiency VFM Step-up
DC/DC converter for small, low input voltage or
battery powered systems with ultra low quiescent
supply current. The ST5Rxx accept a positive
input voltage from start-up voltage to VOUT and
convert it to a higher output voltage in the 2.5 to
5V range.
The ST5R00 combine ultra low quiescent supply
current and high efficiency to give maximum
battery life. The high switching frequency and the
internally limited peak inductor current, permits
the use of small, low cost inductors. Only three
external components are needed: an inductor a
diode and an output capacitor.
The ST5R00 is suitable to be used in a battery
powered equipment where low noise, low ripple
and ultra low supply current are required. The
ST5R00 is available in very small packages:
SOT23-5L.
Typical applications are pagers, cameras & video
camera, cellular telephones, wireless telephones,
palmtop
computer,
battery
backup
supplies,
battery powered equipment.
ST5R00
SERIES
MICROPOWER VFM STEP-UP DC/DC CONVERTER
Figure 1: Schematic Diagram
SOT23-5L
Rev. 6


Similar Part No. - ST5R30U

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ST5R002B LITTELFUSE-ST5R002B Datasheet
685Kb / 3P
Power Thermistors Inrush Current Limiting Power Thermistor
ST5R004B LITTELFUSE-ST5R004B Datasheet
685Kb / 3P
Power Thermistors Inrush Current Limiting Power Thermistor
ST5R005B LITTELFUSE-ST5R005B Datasheet
685Kb / 3P
Power Thermistors Inrush Current Limiting Power Thermistor
ST5R006B LITTELFUSE-ST5R006B Datasheet
685Kb / 3P
Power Thermistors Inrush Current Limiting Power Thermistor
ST5R007B LITTELFUSE-ST5R007B Datasheet
685Kb / 3P
Power Thermistors Inrush Current Limiting Power Thermistor
More results

Similar Description - ST5R30U

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
VFM STEP-UP DC/DC CONVERTER?
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
VFM STEP-UP DC/DC CONVERTER CONTROLLER
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
VFM Step-up DC/DC Converter
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
VFM Step-up DC/DC Converter
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
VFM Step-Up DC/DC Converter
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
VFM Step-Up DC/DC Converter
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
MICROPOWER VFM STEP-UP DC/DC Converter
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
MICROPOWER VFM STEP-UP DC/DC CONVERTER
APE2903 A-POWER-APE2903 Datasheet
100Kb / 7P
MICROPOWER VFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com